Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMS7621 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part No. SMS7621
Description  Surface Mount Mixer and Detector Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SMS7621 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Skyworks Solutions, Inc. [781] 376-3000
• Fax [781] 376-3100 • Email sales@skyworksinc.com • www.skyworksinc.com
Specifications subject to change without notice. 02/04A
Surface Mount Mixer and Detector Schottky Diodes
Reverse
Common
Reverse
Unconnected
Unconnected
Unconnected
Single
Single
Single
Cathode
Series Pair
Series Pair
Pair
Pair
Pair
SC-79
SOD-323
SOT-23
SOT-23
SOT-23
SOT-143
SOT-143
LGA
SMS1546-005
Marking: SG2
SMS7621-079
SMS7621-011
SMS7621-001
SMS7621-005
SMS7621-006
SMS7621-015
SMS7621-079LF
Cathode Mark
Cathode Mark
Marking: SH1
Marking: SH2
Marking: SH8
Marking: SH7
SMS7630-079
SMS7630-011
SMS7630-001
SMS7630-005
SMS7630-006
LS = 1.5 nH
SMS7630-020
SMS7630-517
SMS7630-079LF
Cathode Mark
Marking: SD1
Marking: SD2
Marking: SD8
Marking: SD0
Anode Mark
LS = 0.7 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.6 nH
SC-70
SC-70
SC-70
SMS7621-074
SMS7621-075
SMS7621-076
Marking: SH3
Marking: SH2
Marking: SH8
SMS7630-075
SMS7630-076
Marking: SD2
Marking: SD8
LS = 1.4 nH
LS = 1.4 nH
LS = 1.4 nH
LF denotes Lead (Pb)-Free packaging.
Low Barrier Mixer and Detectors
Electrical Specifications at 25°C (Per Junction)
Pair Configuration
Part Number
Barrier
VB @ 10 µ
µA (V)
CT @ 0 V (pF)
VF @ 1 mA (mV) (b) VF @ 1 mA (mV)
RT* @ 10 mA (Ω
Ω)
Min.
Typ.
Max.
Max.
SMS1546 Series
Low
2
0.50
200–270
10
8
SMS7621 Series
Low
2
0.25
260–320
10
18
Zero Bias Detectors
Part Number
Pair Configuration
VB @ 100 µ
µA (V)
CT @ 0.15 V (pF)
VF @ 0.1 mA (mV) VF @ 1 mA (mV) (b) VF @ 1 mA (mV)
RV (Ω
Ω)
Min.
Typ.
Max.
Typ.
SMS7630 Series
1.0
0.30
60–120
135–240
10
5000
*RT is the slope resistance.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
MXB-0502-3SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1502-7HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2201-10SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-0502-3HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-17HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1502-10SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2201-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn