Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAR5S50 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TAR5S50
Description  Point Regulators (Low-Dropout Regulator)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5S50 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TAR5S50 Datasheet HTML 1Page - Toshiba Semiconductor TAR5S50 Datasheet HTML 2Page - Toshiba Semiconductor TAR5S50 Datasheet HTML 3Page - Toshiba Semiconductor TAR5S50 Datasheet HTML 4Page - Toshiba Semiconductor TAR5S50 Datasheet HTML 5Page - Toshiba Semiconductor TAR5S50 Datasheet HTML 6Page - Toshiba Semiconductor TAR5S50 Datasheet HTML 7Page - Toshiba Semiconductor TAR5S50 Datasheet HTML 8Page - Toshiba Semiconductor TAR5S50 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TAR5S15~TAR5S50
2000-10-30
2/22
List of Products Number and Marking
Marking on the Product
Products No.
Marking
TAR5S15
1V5
TAR5S18
1V8
TAR5S20
2V0
TAR5S21
2V1
TAR5S22
2V2
TAR5S23
2V3
TAR5S25
2V5
TAR5S27
2V7
TAR5S28
2V8
TAR5S29
2V9
TAR5S30
3V0
TAR5S31
3V1
TAR5S32
3V2
TAR5S33
3V3
TAR5S35
3V5
TAR5S45
4V5
TAR5S48
4V8
TAR5S50
5V0
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VIN
15
V
Output current
IOUT
200
mA
200
(Note1)
Power dissipation
PD
380
(Note2)
mW
Operation temperature range
Topr
−40 to 85
°C
Storage temperature range
Tstg
−55 to 150
°C
Note1: Unit Ratintg
Note2: Mounted on a glass epoxy circuit board of 30
× 30 mm. Pad dimension of 50 mm
2
3 V 0
Example: TAR5S30 (3.0 V output)


Similar Part No. - TAR5S50

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5S50 TOSHIBA-TAR5S50 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TAR5S50U TOSHIBA-TAR5S50U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
More results

Similar Description - TAR5S50

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TAR5S15 TOSHIBA-TAR5S15_07 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com