Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC100D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SCC100D
Description  Pressure Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCC100D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SCC100D Datasheet HTML 1Page - List of Unclassifed Manufacturers SCC100D Datasheet HTML 2Page - List of Unclassifed Manufacturers SCC100D Datasheet HTML 3Page - List of Unclassifed Manufacturers SCC100D Datasheet HTML 4Page - List of Unclassifed Manufacturers SCC100D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SCC SERIES
Pressure Sensors
January 1998/040
Aubinger Weg 27, 82178 Puchheim, Germany
Phone 0049 - (0) 89 80 08 30, Fax 0049 - (0) 89 8 00 83 33
http://www.sensortechnics.com
Pressure Range
Absolute Pressure
0 - 15 psi
0 - 30 psi
0 - 100 psi
0 - 300 psi
Gage Pressure
0 - 5 psi
0 - 15 psi
0 - 30 psi
0 - 100 psi
Differential Pressure
0 - 5 psi
0 - 15 psi
0 - 30 psi
0 - 100 psi
(9)
Order Part Number
Button Package
SCC15A
SCC30A
SCC100A
---
use
differential
devices
SCC05D
SCC15D
SCC30D
SCC100D
"N" Package
SCC15AN
SCC30AN
SCC100AN
---
use
differential
devices
SCC05DN
SCC15DN
SCC30DN
SCC100DN
TO Package
SCC15AHO
SCC30AHO
SCC100AHO
SCC300AHO
SCC05GSO
SCC15GSO
SCC30GSO
---
---
---
---
---
DIP Package
single port
SCC15AD2
SCC30AD2
SCC100AD2
SCC05GD2
SCC15GD2
SCC30GD2
---
---
---
---
---
DIP Package
Dual port
---
---
---
---
---
---
---
---
SCC05DD4
SCC15DD4
SCC30DD4
SCC100DD4
SenSym and Sensortechnics reserve the right to make changes to any products herein. SenSym and Sensortechnics do not assume any liability arising out of the application or use of any product
or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
ORDERING INFORMATION
PHYSICAL DIMENSIONS (cont.)
AHO Package (TO-5)
GSO Package (TO-39)


Similar Part No. - SCC100D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SCC100D SENSORTECHNICS-SCC100D Datasheet
103Kb / 5P
   Pressure sensors
logo
Honeywell Accelerometer...
SCC100D HONEYWELL-ACC-SCC100D Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
Sensortechnics GmbH
SCC100DD4 SENSORTECHNICS-SCC100DD4 Datasheet
103Kb / 5P
   Pressure sensors
logo
Honeywell Accelerometer...
SCC100DD4 HONEYWELL-ACC-SCC100DD4 Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
Sensortechnics GmbH
SCC100DN SENSORTECHNICS-SCC100DN Datasheet
103Kb / 5P
   Pressure sensors
More results

Similar Description - SCC100D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com