Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K6F1616U6A Datasheet(PDF) 1 Page - Samsung semiconductor

Part No. K6F1616U6A
Description  1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F1616U6A Datasheet(HTML) 1 Page - Samsung semiconductor

  K6F1616U6A Datasheet HTML 1Page - Samsung semiconductor K6F1616U6A Datasheet HTML 2Page - Samsung semiconductor K6F1616U6A Datasheet HTML 3Page - Samsung semiconductor K6F1616U6A Datasheet HTML 4Page - Samsung semiconductor K6F1616U6A Datasheet HTML 5Page - Samsung semiconductor K6F1616U6A Datasheet HTML 6Page - Samsung semiconductor K6F1616U6A Datasheet HTML 7Page - Samsung semiconductor K6F1616U6A Datasheet HTML 8Page - Samsung semiconductor K6F1616U6A Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
K6F1616U6A Family
Revision 1.1
September 2002
1
CMOS SRAM
Document Title
1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Revision History
Revision No.
0.0
1.0
1.1
Remark
Preliminary
Final
Final
History
Initial draft
Finalize
- added 45ns product
- changed ICC1 : 3mA to 2mA
- changed ICC2 : 38mA to 30mA for 55ns product
30mA to 25mA for 70ns product
Revise
- Deleted 45ns product
Draft Date
September 11, 2001
January 4, 2002
September 11, 2002
The attached datasheets are provided by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications and
products. SAMSUNG Electronics will answer to your questions about device. If you have any questions, please contact the SAMSUNG branch offices.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KM62U256D 32Kx8 bit Low Power and Low Voltage CMOS Static RAM 1  2  3  4  5  More Samsung semiconductor
IC62LV12816DL 128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM 1  2  3  4  5  More Integrated Circuit Solution Inc
IS62LV12816BLL 128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc
TC5517CP-15 2.048 WORD X 8 BIT CMOS STATIC RAM 1  2  3  4  5  More Toshiba Semiconductor
WS628128 VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1  2  3  4  5  More Wing Shing Computer Components
ADG701L CMOS Low Voltage 2 OHM SPST Switches 1  2  3  4  5  More Analog Devices
LM2901H High Temperature Low Power Quad Voltage Comparators 1  2  3  4  5  More STMicroelectronics
ADG787 2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch 1  2  3  4  5  More Analog Devices
LM2903H LOW POWER DUAL VOLTAGE COMPARATORS 1  2  3  4  5  STMicroelectronics
CDM6116AC High-Reliability CMOS 2048-Word by 8-bit LSI Static RAM 1  2  3  4  5  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn