Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS8855-32CW Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FS8855-32CW
Description  500mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8855-32CW Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FS8855-32CW Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8855-32CW Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8855-32CW Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8855-32CW Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8855-32CW Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8855-32CW Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8855-32CW Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8855-32CW Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8855-32CW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FS8855
500mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
5/13
TD-0405007
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
E
Elleeccttrriiccaall C
Ch
haarraacctteerriissttiiccss
(TA=25℃, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.5
9.0
V
VIN=VOUT+0.8V, IOUT=1mA, VIN≦7V
VOUT-
0.035
VOUT
VOUT+
0.035
V
VOUT
Output Voltage
VIN=VOUT+0.8V, IOUT=1mA, 7V<VIN
9V
VOUT-
0.042
VOUT
VOUT+
0.042
V
VIN>VOUT+0.8V, VIN≦7V
-35
+35
mV
∆ VOUT
Output Voltage Accuracy
VIN>VOUT+0.8V, 7V<VIN≦9V
-42
+42
mV
IMAX
Maximum Load Current
500
mA
ILIMIT
Current Limit
0.8
A
ISC
Short-Circuit Current
VOUT=0V, VIN>VOUT+0.8V
350
400
mA
IQ
Ground Pin Current
ILOAD=0mA to 500mA, VIN=VOUT+0.8V
65
120
µA
IOUT=1mA
1
1.2
mV
IOUT=100mA
100
120
mV
VDROP
Dropout Voltage
IOUT=500mA
650
800
mV
∆VLINE
Line Regulation
VOUT+0.8V<VIN<9V, ILOAD=1mA
0.2
0.3
%/V
∆VLOAD
Load Regulation
IOUT=0mA to 500mA
0.01
0.02
%/mA
eN
Output Noise
F=1Hz to 10KHz, COUT=3.3µF
75
µVRMS
PSRR
Ripple Rejection
F=10KHz, COUT=3.3µF
75
dB
TSD
Thermal Shutdown
Temperature
155
°C
THYS
Thermal Shutdown
Hysteresis
20
°C
SOT-223
155
°C/W
SOT-89
180
°C/W
θJA
Thermal Resistance
TO-92
180
°C/W


Similar Part No. - FS8855-32CW

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8855-30GI FORTUNE-FS8855-30GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-30GL FORTUNE-FS8855-30GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-33GI FORTUNE-FS8855-33GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-33GL FORTUNE-FS8855-33GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-36GI FORTUNE-FS8855-36GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results

Similar Description - FS8855-32CW

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902D MAXIM-MAX38902D Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
Monolithic Power System...
EV2005DD-01B MPS-EV2005DD-01B Datasheet
443Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com