Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPD6722QCCE Datasheet(PDF) 62 Page - Intel Corporation

Part No. SPD6722QCCE
Description  ISA-to-PC-Card (PCMCIA) Controllers
Download  138 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo INTEL - Intel Corporation

SPD6722QCCE Datasheet(HTML) 62 Page - Intel Corporation

Back Button SPD6722QCCE Datasheet HTML 58Page - Intel Corporation SPD6722QCCE Datasheet HTML 59Page - Intel Corporation SPD6722QCCE Datasheet HTML 60Page - Intel Corporation SPD6722QCCE Datasheet HTML 61Page - Intel Corporation SPD6722QCCE Datasheet HTML 62Page - Intel Corporation SPD6722QCCE Datasheet HTML 63Page - Intel Corporation SPD6722QCCE Datasheet HTML 64Page - Intel Corporation SPD6722QCCE Datasheet HTML 65Page - Intel Corporation SPD6722QCCE Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
62
Datasheet
8.6
Card I/O Map 0–1 Offset Address Low
There are two separate Card I/O Map Offset Address Low registers, each with identical fields.
These registers are located at the following indexes:
Index
Card I/O Map Offset Address Low
36h
Card I/O Map 0 Offset Address Low
38h
Card I/O Map 1 Offset Address Low
Bits 7:1 — Offset Address 7:1
This register contains the least-significant byte of the quantity that will be added to the host I/O
address; this will determine the PC Card I/O map location where the I/O access will occur.
The most-significant byte is located in the Card I/O Map 0–1 Offset Address High register (see
“Card I/O Map 0–1 Offset Address High” on page 62).
8.7
Card I/O Map 0–1 Offset Address High
There are two separate Card I/O Map Offset Address High registers, each with identical fields.
These registers are located at the following indexes:
Index
Card I/O Map Offset Address High
37h
Card I/O Map 0 Offset Address High
39h
Card I/O Map 1 Offset Address High
Register Name: Card I/O Map 0–1 Offset Address Low
Index: 36h, 38h
Register Per: socket
Register Compatibility Type: ext.
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Offset Address 7:1
0 1
RW:0000000
RW:0
1. This bit must be programmed to ‘0’.
Register Name: Card I/O Map 0–1 Offset Address High
Index: 37h, 39h
Register Per: socket
Register Compatibility Type: ext.
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Offset Address 15:8
RW:00000000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
Z86L9900100ZC0Evaluation Board IR Controllers 1 2 3 4 5 MoreZilog, Inc.
UC1861-1868Resonant-Mode Power Supply Controllers 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MAX11014Automatic RF MESFET Amplifier Drain-Current Controllers 1 2 3 4 5 MoreMaxim Integrated Products
NCP1582Low Voltage Synchronous Buck Controllers 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn