Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPD6722QCCE Datasheet(PDF) 48 Page - Intel Corporation

Part No. SPD6722QCCE
Description  ISA-to-PC-Card (PCMCIA) Controllers
Download  138 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

SPD6722QCCE Datasheet(HTML) 48 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 48 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
48
Datasheet
Bit 4 — Write Protect
This bit indicates the state of the WP/-IOIS16 pin ( Table 2) on the card and has meaning only in
Memory Card Interface mode.
Bit 5 — Ready/Busy*
This bit indicates the state of the RDY/-IREQ pin ( Table 2) on the card. If the card has been
configured for I/O, then this bit will not be valid.
Bit 6 — Card Power On
This status bit indicates whether power to the card is on. Refer to Table 11 on page 42 for details.
Bit 7 — VPP Valid
This bit indicates the status of the -VPP_VALID pin ( Table 1).
7.3
Power Control
0
Card is not write protected.
1
Card is write protected.
0
Card is not ready.
1
Card is ready.
0
Power to the card is not on.
1
Power to the card is on.
0
This status bit indicates a logic high at the -VPP_VALID pin.
1
This status bit indicates a logic low at the -VPP_VALID pin.
Register Name: Power Control
Index: 02h
Register Per: socket
Register Compatibility Type: 365
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
Card Enable
Compatibility
Bit
Auto-Power
VCC Power
Compatibility Bits
VPP1 Power
RW:0
RW:0
RW:0
RW:0
RW:00
RW:00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
Z86L9900100ZC0Evaluation Board IR Controllers 1 2 3 4 5 MoreZilog, Inc.
UC1861-1868Resonant-Mode Power Supply Controllers 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MAX11014Automatic RF MESFET Amplifier Drain-Current Controllers 1 2 3 4 5 MoreMaxim Integrated Products
NCP1582Low Voltage Synchronous Buck Controllers 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn