Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPD6722QCCE Datasheet(PDF) 47 Page - Intel Corporation

Part No. SPD6722QCCE
Description  ISA-to-PC-Card (PCMCIA) Controllers
Download  138 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

SPD6722QCCE Datasheet(HTML) 47 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 47 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
47
7.2
Interface Status
Bits 1:0 — Battery Voltage Detect
These bits are used by PC Card support software and firmware to indicate the amount of capacity
left in the battery in battery-backed cards in Memory Card Interface mode only. In I/O Card
Interface mode, bit 0 indicates the state of the BVD1/-STSCHG pin ( Table 2). Bit 1 status should
be ignored in I/O Card Interface mode.
Bits 3:2 — Card Detect
These bits indicate the state of the -CD1 and -CD2 pins ( Table 2).
Register Name: Interface Status
Index: 01h
Register Per: socket
Register Compatibility Type: 365
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1Bit 0
-VPP_VALID
RDY
WP
-CD2
-CD1
BVD2
BVD1
VPP Valid
Card Power
On
Ready/Busy*
Write Protect
Card Detect
Battery Voltage Detect
R1
R:0
R2
R3
R4
R5
1. Bit 7 is the inversion of the value of the -VPP_VALID pin (Table 1).
2. Bit 5 is the value of the RDY/-IREQ pin (Table 2).
3. Bit 4 is the value of the WP/-IOIS16 pin (Table 2).
4. Bits 3:2 are the inversion of the values of the -CD1 and -CD2 pins (Table 2).
5. Bits 1:0 are the values of the BVD1/-STSCHG and BVD2/-SPKR pins (Table 2).
BVD2 Input Level
BVD1 Input Level
Bit 1
Bit 0
PC Card Interpretation
Low
Low
0
0
Card data lost
Low
High
0
1
Battery low warning
High
Low
1
0
Card data lost
High
High
1
1
Battery/data okay
-CD2 Level
-CD1 Level
Bit 3
Bit 2
Card Detect Status
High
High
0
0
Either no card or card is not fully inserted
High
Low
0
1
Card is not fully inserted
Low
High
1
0
Card is not fully inserted
Low
Low
1
1
Card is fully inserted


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
Z86L9900100ZC0Evaluation Board IR Controllers 1 2 3 4 5 MoreZilog, Inc.
UC1861-1868Resonant-Mode Power Supply Controllers 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MAX11014Automatic RF MESFET Amplifier Drain-Current Controllers 1 2 3 4 5 MoreMaxim Integrated Products
NCP1582Low Voltage Synchronous Buck Controllers 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn