Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPD6722QCCE Datasheet(PDF) 44 Page - Intel Corporation

Part No. SPD6722QCCE
Description  ISA-to-PC-Card (PCMCIA) Controllers
Download  138 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

SPD6722QCCE Datasheet(HTML) 44 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 44 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
44
Datasheet
6.2
Data
Extended Index:3
Scratchpad
Data Mask 0
Data Mask 1
Extension Control 1 (formerly DMA Control)
Maximum DMA Acknowledge Delay
Reserved
External Data
Extension Control 2
2Eh
6Eh
“Extension
Registers” on
page 70
77
Extended index 00h
Extended index 01h
Extended index 02h
Extended index 03h
Extended index 04h
Extended index 05h–09h
Extended index 0Ah
‘Extended index 0Bh
77
78
78
79
81
83
Extended Data
2Fh
6Fh
77
System Memory Map 4 Start Address Low
30h
70h
“Memory Window
Mapping Registers”
on page 64
64
System Memory Map 4 Start Address High
31h
71h
65
System Memory Map 4 End Address Low
32h
72h
66
System Memory Map 4 End Address High
33h
73h
66
Card Memory Map 4 Offset Address Low
34h
74h
62
Card Memory Map 4 Offset Address High
35h
75h
68
Card I/O Map 0 Offset Address Low
36h
76h
“I/O Window
Mapping Registers”
on page 58
62
Card I/O Map 0 Offset Address High
37h
77h
62
Card I/O Map 1 Offset Address Low
38h
78h
62
Card I/O Map 1 Offset Address High
39h
79h
62
Setup Timing 0
3Ah
7Ah
“Timing Registers” on
page 84
84
Command Timing 0
3Bh
7Bh
85
Recovery Timing 0
3Ch
7Ch
86
Setup Timing 1
3Dh
7Dh
84
Command Timing 1
3Eh
7Eh
85
Recovery Timing 1
3Fh
7Fh
86
Register Name: Data
Index: n/a
Register Per: chip
Register Compatibility Type 365
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Data
Table 11. Index Registers (Sheet 3 of 3)
Register Name
Index Value
Chapter
Page
Number
Socket A
Socket B1
1. Socket B is available on the dual-socket PD6722.
2. This register affects both sockets (it is not specific to either socket).
3. These registers are not available on the PD6710.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
Z86L9900100ZC0Evaluation Board IR Controllers 1 2 3 4 5 MoreZilog, Inc.
UC1861-1868Resonant-Mode Power Supply Controllers 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MAX11014Automatic RF MESFET Amplifier Drain-Current Controllers 1 2 3 4 5 MoreMaxim Integrated Products
NCP1582Low Voltage Synchronous Buck Controllers 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn