Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPD6722QCCE Datasheet(PDF) 43 Page - Intel Corporation

Part No. SPD6722QCCE
Description  ISA-to-PC-Card (PCMCIA) Controllers
Download  138 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

SPD6722QCCE Datasheet(HTML) 43 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 43 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
43
System Memory Map 0 Start Address Low
10h
50h
“Memory Window
Mapping Registers”
on page 64
64
System Memory Map 0 Start Address High
11h
51h
65
System Memory Map 0 End Address Low
12h
52h
66
System Memory Map 0 End Address High
13h
53h
66
Card Memory Map 0 Offset Address Low
14h
54h
67
Card Memory Map 0 Offset Address High
15h
55h
68
Misc Control 1
16h
56h
“Extension
Registers” on
page 70
70
FIFO Control
17h
57h
72
System Memory Map 1 Start Address Low
18h
58h
“Memory Window
Mapping Registers”
on page 64
64
System Memory Map 1 Start Address High
19h
59h
65
System Memory Map 1 End Address Low
1Ah
5Ah
66
System Memory Map 1 End Address High
1Bh
5Bh
“Memory Window
Mapping Registers”
on page 64
61
Card Memory Map 1 Offset Address Low
1Ch
5Ch
67
Card Memory Map 1 Offset Address High
1Dh
5Dh
68
Misc Control 2
1Eh2
“Extension
Registers” on
page 70
72
Chip Information
1Fh2
74
System Memory Map 2 Start Address Low
20h
60h
“Memory Window
Mapping Registers”
on page 64
64
System Memory Map 2 Start Address High
21h
61h
65
System Memory Map 2 End Address Low
22h
62h
66
System Memory Map 2 End Address High
23h
63h
66
Card Memory Map 2 Offset Address Low
24h
64h
67
Card Memory Map 2 Offset Address High
25h
65h
68
ATA Control
26h
66h
“Extension
Registers” on
page 70
75
Scratchpad
27h
67h
––
System Memory Map 3 Start Address Low
28h
68h
“Memory Window
Mapping Registers”
on page 64
64
System Memory Map 3 Start Address High
29h
69h
65
System Memory Map 3 End Address Low
2Ah
6Ah
60
System Memory Map 3 End Address High
2Bh
6Bh
66
Card Memory Map 3 Offset Address Low
2Ch
6Ch
67
Card Memory Map 3 Offset Address High
2Dh
6Dh
68
Table 11. Index Registers (Sheet 2 of 3)
Register Name
Index Value
Chapter
Page
Number
Socket A
Socket B1
1. Socket B is available on the dual-socket PD6722.
2. This register affects both sockets (it is not specific to either socket).
3. These registers are not available on the PD6710.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
Z86L9900100ZC0Evaluation Board IR Controllers 1 2 3 4 5 MoreZilog, Inc.
UC1861-1868Resonant-Mode Power Supply Controllers 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MAX11014Automatic RF MESFET Amplifier Drain-Current Controllers 1 2 3 4 5 MoreMaxim Integrated Products
NCP1582Low Voltage Synchronous Buck Controllers 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn