Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPD6722QCCE Datasheet(PDF) 64 Page - Intel Corporation

Part No. SPD6722QCCE
Description  ISA-to-PC-Card (PCMCIA) Controllers
Download  138 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

SPD6722QCCE Datasheet(HTML) 64 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 64 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
64
Datasheet
9.0
Memory Window Mapping Registers
The following information about the memory map windows is important:
The memory window mapping registers determine where in the ISA memory space and PC
Card memory space accesses will occur. There are five memory windows that can be used
independently.
The memory windows are enabled and disabled using the Mapping Enable register (see
“Mapping Enable” on page 55).
To specify where in the ISA space a memory window is mapped, start and end addresses are
specified. A memory window is selected whenever the appropriate Memory Map Enable bit
(see “Mapping Enable”) is set, and when the ISA address is greater than or equal to the
appropriate System Memory Map Start Address register (see “System Memory Map 0–4
Start Address Low” on page 64) and the ISA address is less than or equal to the appropriate
System Memory Map End Address register (see “System Memory Map 0–4 End Address
Low” on page 66).
Start and end addresses are specified with ISA Address bits 23:12. This sets the minimum size
of a memory window to 4K bytes. Memory windows are specified in the ISA address from 64
Kbytes to 16 Mbytes (0010000h–FFFFFFh). Note that no memory window can be mapped in
the first 64 Kbytes of the ISA address space.
To ensure proper operation, none of the windows can overlap in the ISA address space.
9.1
System Memory Map 0–4 Start Address Low
There are five separate System Memory Map Start Address Low registers, each with identical
fields. These registers are located at the following indexes:
Index
System Memory Map Start Address Low
10h
System Memory Map 0 Start Address Low
18h
System Memory Map 1 Start Address Low
20h
System Memory Map 2 Start Address Low
28h
System Memory Map 3 Start Address Low
30h
System Memory Map 4 Start Address Low
Register Name: System Memory Map 0–4 Start Address Low
Index: 10h, 18h, 20h, 28h, 30h
Register Per: socket
Register Compatibility Type: 365
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Start Address 19:12
RW:00000000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
Z86L9900100ZC0Evaluation Board IR Controllers 1 2 3 4 5 MoreZilog, Inc.
UC1861-1868Resonant-Mode Power Supply Controllers 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MAX11014Automatic RF MESFET Amplifier Drain-Current Controllers 1 2 3 4 5 MoreMaxim Integrated Products
NCP1582Low Voltage Synchronous Buck Controllers 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn