Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2045 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # PEB2045
Description  Memory Time Switch CMOS (MTSC)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2045 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  PEB2045 Datasheet HTML 1Page - Siemens Semiconductor Group PEB2045 Datasheet HTML 2Page - Siemens Semiconductor Group PEB2045 Datasheet HTML 3Page - Siemens Semiconductor Group PEB2045 Datasheet HTML 4Page - Siemens Semiconductor Group PEB2045 Datasheet HTML 5Page - Siemens Semiconductor Group PEB2045 Datasheet HTML 6Page - Siemens Semiconductor Group PEB2045 Datasheet HTML 7Page - Siemens Semiconductor Group PEB2045 Datasheet HTML 8Page - Siemens Semiconductor Group PEB2045 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
PEB 2045
PEF 2045
Semiconductor Group
3
1.1
Pin Definitions and Functions
Pin No.
P-LCC
Pin No.
P-DIP
Symbol
Input (I)
Output (O)
Function
11
V
SS
I
Ground (OV)
3
2
SP
I
Synchronization Pulse: The PEx 2045 is
synchronized relative to the PCM system via
this line.
4
7
9
11
13
14
15
16
17
18
19
3
5
7
9
11
12
13
14
15
16
17
IN1
IN5
IN9
IN13
IN14
IN15
IN10
IN11
IN6
IN7
IN2
I
I
I
I
I
I
I
I
I
I
I
PCM-Input Ports: Serial data is received at
these lines at standard TTL levels.
5
8
10
12
4
6
8
10
IN0/TSC0
IN4/TSC1
IN8/TSC2
IN12/TSC3
I/O
I/O
I/O
I/O
PCM-Input Port / Tristate Control: In standard
configuration these pins are used as input lines,
in primary access configuration they supply
control signals for external devices.
20
18
IN3/DCL
I/O
PCM-Input Port / Data Clock: In standard
configuration IN3 is the PCM input line 3, in
primary access configuration it provides a
2048-kHz data clock for the synchronous
interface.
21
19
A0
I
Address 0: When high, the indirect register
access mechanism is enabled. If A0 is logical 0
the mode and status registers can be written to
and read respectively.
22
20
CS
I
Chip Select: A low level selects the PEx 2045
for a register access operation.
23
21
V
DD
I
Supply voltage: 5 V
± 5 %.
24
22
RD
I
Read: This signal indicates a read operation
and is internally sampled only if CS is active.
The MTSC puts data from the selected internal
register on the data bus with the falling edge of
RD. RD is active low.


Similar Part No. - PEB2045

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2047 SIEMENS-PEB2047 Datasheet
297Kb / 50P
   Memory Time Switch Large MTSL
PEB2047-NV2.1 SIEMENS-PEB2047-NV2.1 Datasheet
297Kb / 50P
   Memory Time Switch Large MTSL
More results

Similar Description - PEB2045

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2047 SIEMENS-PEB2047 Datasheet
297Kb / 50P
   Memory Time Switch Large MTSL
PEB2447 SIEMENS-PEB2447 Datasheet
1Mb / 51P
   Memory Time Switch Extended Large MTSXL
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
Dallas Semiconductor
DS1994 DALLAS-DS1994 Datasheet
254Kb / 22P
   4kb Plus Time Memory iButton
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
   Dual Port Memory Plus Time
logo
Omron Electronics LLC
H5S OMRON-H5S Datasheet
4Mb / 27P
   Digital Time Switch
logo
Extech Instruments Corp...
375475 EXTECH-375475 Datasheet
128Kb / 1P
   Programmable Time Switch
logo
Toshiba Semiconductor
TC54256AP TOSHIBA-TC54256AP Datasheet
545Kb / 11P
   32,768 WORD x 8 BIT CMOS ONE TIME PROGRAMMABLE READ ONLY MEMORY
logo
Allegro MicroSystems
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
logo
Intersil Corporation
CDP1879 INTERSIL-CDP1879 Datasheet
100Kb / 18P
   CMOS Real-Time Clock
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com