Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4201F Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS4201F
Description  USB Audio DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201F Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS4201F Datasheet HTML 5Page - Dallas Semiconductor DS4201F Datasheet HTML 6Page - Dallas Semiconductor DS4201F Datasheet HTML 7Page - Dallas Semiconductor DS4201F Datasheet HTML 8Page - Dallas Semiconductor DS4201F Datasheet HTML 9Page - Dallas Semiconductor DS4201F Datasheet HTML 10Page - Dallas Semiconductor DS4201F Datasheet HTML 11Page - Dallas Semiconductor DS4201F Datasheet HTML 12Page - Dallas Semiconductor DS4201F Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DS4201
9 of 24
102099
isochronous data input with adaptive synchronization. Except for ALT–0, the DS4201 supports 44.1 KHz
and 48.0 KHz audio data sampling rates at Endpoint 1. Sampling rate control is performed using ADC
standard requests as described in APPENDIX A. PCM data formats are listed in APPENDIX B.
ENDPOINT 1
The USB isochronous data pipe at Endpoint 1, EP1, delivers PCM audio data to the DS4201. The data
sampling frequency at EP1 can be set at either 44.1 KHz or 48.0 KHz. PCM data captured by the host at
rates other than these two rates require sample rate conversion before being sent to the DS4201. Control
of the sampling rate is performed with ADC endpoint commands as described in APPENDIX A. The
USB isochronous audio data received at EP1 is delivered to Input Terminal 1 (IT:TID1) in the
CONTROL interface. There is a one–to–one link between these two elements. The maximum packet size
supported by EP1 varies with the PCM data type selected. The maximum packet sizes reported in the
STREAMING interface descriptors corresponds to the PCM data format at a 48 KHz sampling rate plus
an additional data sample for synchronization. The USB core specification requires a minimum 1 frame
delay before a USB device can operate on isochronous data. The DS4201 produces a 1 frame delay and
incorporates enough FIFO register storage space for 2 frames total (previous frame plus current frame).
ENDPOINT 2
For alternate settings 1–4, the DS4201 uses the asynchronous type of communication synchronization for
the isochronous data pipe as defined in the USB core specification. The isochronous synchronization pipe
from Endpoint 2 is used to provide the 3–byte data rate feedback value to the host.
USB TRANSCEIVER
Integrated within the DS4201 is a USB compliant bus transceiver. To comply with USB cable
termination requirements, resistors external to the DS4201 must be installed as shown in Figure 4. The 24
ohm, 1% tolerance resistors are necessary to bring the total steady state resistance of each driver to the
28–43 ohms range required by the USB core specification. The 1.5K ohms pull–up resistor is required to
identify the bus as high speed USB.
TRANSCEIVER TERMINATION Figure 4
VOLTAGE REFERENCE
The VREFI input is a connection to a filter node of the internal voltage reference and is used to apply
additional filtering of the reference to reduce noise. This is accomplished by connecting both a 0.1
µF and
10
µF capacitor across this input and analog ground. No other connection should be made to this input
and the potential for coupling onto this input should be minimized to avoid degrading analog
performance.


Similar Part No. - DS4201F

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS42 LUMILEDS-DS42 Datasheet
86Kb / 2P
   Lumileds P4 Series LED Chips
logo
Maxim Integrated Produc...
DS4212 MAXIM-DS4212 Datasheet
126Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
DS4212AN++ MAXIM-DS4212AN+ Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
DS4212AN++ MAXIM-DS4212AN+ Datasheet
126Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
DS4212AN++ MAXIM-DS4212AN+ Datasheet
142Kb / 8P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
More results

Similar Description - DS4201F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS2000 ETC2-VS2000 Datasheet
1Mb / 21P
   Headtracking Multichannel USB Audio Headphone IC / USB DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
   Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
   Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
   Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
[Old version datasheet]   Audio Stereo DAC
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
   STEREO AUDIO DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com