Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BT137B Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. BT137B
Description  Triacs logic level
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT137B Datasheet(HTML) 4 Page - NXP Semiconductors

  BT137B Datasheet HTML 1Page - NXP Semiconductors BT137B Datasheet HTML 2Page - NXP Semiconductors BT137B Datasheet HTML 3Page - NXP Semiconductors BT137B Datasheet HTML 4Page - NXP Semiconductors BT137B Datasheet HTML 5Page - NXP Semiconductors BT137B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT137B series
Fig.7. Normalised gate trigger current
I
GT(Tj)/ IGT(25˚C), versus junction temperature Tj.
Fig.8. Normalised latching current I
L(Tj)/ IL(25˚C),
versus junction temperature T
j.
Fig.9. Normalised holding current I
H(Tj)/ IH(25˚C),
versus junction temperature T
j.
Fig.10. Typical and maximum on-state characteristic.
Fig.11. Transient thermal impedance Z
th j-mb, versus
pulse width t
p.
Fig.12. Typical commutation dV/dt versus junction
temperature, parameter commutation dI
T/dt. The triac
should commutate when the dV/dt is below the value
on the appropriate curve for pre-commutation dI
T/dt.
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
BT137
Tj / C
IGT(Tj)
IGT(25 C)
T2+ G+
T2+ G-
T2- G-
T2- G+
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
BT137
VT / V
IT / A
Tj = 125 C
Tj = 25 C
typ
max
Vo = 1.264 V
Rs = 0.0378 Ohms
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IL(Tj)
IL(25 C)
10us
0.1ms
1ms
10ms
0.1s
1s
10s
0.01
0.1
1
10
BT137
tp / s
Zth j-mb (K/W)
t
p
P
t
D
bidirectional
unidirectional
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IH(Tj)
IH(25C)
0
50
100
150
1
10
100
1000
Tj / C
7.9
4.7
dV/dt (V/us)
2.8
dIcom/dt =
10 A/ms
6.1
3.6
off-state dV/dt limit
BT137...G SERIES
BT137 SERIES
BT137...F SERIES
October 1997
4
Rev 1.200


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BT137S-600D Triacs logic level 1  2  3  4  5  More NXP Semiconductors
BT131 Triacs logic level 1  2  3  4  5  More NXP Semiconductors
BT131W Triacs logic level 1  2  3  4  5  More NXP Semiconductors
BT134 Triacs logic level 1  2  3  4  5  More NXP Semiconductors
BT134W Triacs logic level 1  2  3  4  5  More NXP Semiconductors
BT136B Triacs logic level 1  2  3  4  5  More NXP Semiconductors
BT136 Triacs logic level 1  2  3  4  5  More NXP Semiconductors
BTA201 Triacs logic level 1  2  3  4  5  More NXP Semiconductors
BT136S Triacs logic level 1  2  3  4  5  More NXP Semiconductors
BT136X Triacs logic level 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn