Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS774G Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # BTS774G
Description  TrilithIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS774G Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button BTS774G Datasheet HTML 5Page - Siemens Semiconductor Group BTS774G Datasheet HTML 6Page - Siemens Semiconductor Group BTS774G Datasheet HTML 7Page - Siemens Semiconductor Group BTS774G Datasheet HTML 8Page - Siemens Semiconductor Group BTS774G Datasheet HTML 9Page - Siemens Semiconductor Group BTS774G Datasheet HTML 10Page - Siemens Semiconductor Group BTS774G Datasheet HTML 11Page - Siemens Semiconductor Group BTS774G Datasheet HTML 12Page - Siemens Semiconductor Group BTS774G Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BTS 774 G
Semiconductor Group
9
1999-01-07
Electrical Characteristics
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Absolute Maximum Ratings
– 40
°C < T
j < 150 °C
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
High-Side-Switches (Pins DHVS, GH1,2 and SH1,2)
Supply voltage
V
S
– 0.3
43
V
HS-drain current
I
DHS
– 8
*
A
* internally limited
HS-input current
I
GH
– 2
2
mA
Pin GH1 and GH2
HS-input voltage
V
GH
– 10
16
V
Pin GH1 and GH2
Status Output ST
Status Output current
I
ST
– 5
5
mA
Pin ST
Low-Side-Switches (Pins DL1,2, GL1,2 and SL1,2)
Break-down voltage
V
(BR)DSS
40
V
V
GS = 0 V; ID <= 1 mA
LS-drain current
I
DLS
16
*
A
* internally limited
LS-input voltage
V
GL
– 0.3
10
V
Pin GL1 and GL2
Temperatures
Junction temperature
T
j
– 40
150
°C–
Storage temperature
T
stg
– 50
150
°C–
Thermal Resistances (one HS-LS-Path active)
LS-junction case
R
thjCLS
20
K/W measured to pin3 or 12
HS-junction case
R
thjCHS
20
K/W measured to pin19
Junction ambient
R
thja
60
K/W –


Similar Part No. - BTS774G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7740G INFINEON-BTS7740G Datasheet
249Kb / 16P
   TrilithIC
2001-02-01
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
More results

Similar Description - BTS774G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7710GP INFINEON-BTS7710GP Datasheet
238Kb / 16P
   TrilithIC
2001-02-01
BTM7750GP INFINEON-BTM7750GP Datasheet
352Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
   TrilithIC
1999-06-22
BTS7740G INFINEON-BTS7740G Datasheet
249Kb / 16P
   TrilithIC
2001-02-01
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
BTM7810K INFINEON-BTM7810K Datasheet
567Kb / 18P
   TrilithIC
Rev. 1.0, May 2008
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7811K INFINEON-BTM7811K Datasheet
573Kb / 19P
   TrilithIC
Rev. 1.0, May 2008
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com