Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8C204MM40 Datasheet(PDF) 9 Page - LOGIC Devices Incorporated

Part # L8C204MM40
Description  512/1K/2K/4K x 9-bit Asynchronous FIFO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L8C204MM40 Datasheet(HTML) 9 Page - LOGIC Devices Incorporated

Back Button L8C204MM40 Datasheet HTML 5Page - LOGIC Devices Incorporated L8C204MM40 Datasheet HTML 6Page - LOGIC Devices Incorporated L8C204MM40 Datasheet HTML 7Page - LOGIC Devices Incorporated L8C204MM40 Datasheet HTML 8Page - LOGIC Devices Incorporated L8C204MM40 Datasheet HTML 9Page - LOGIC Devices Incorporated L8C204MM40 Datasheet HTML 10Page - LOGIC Devices Incorporated L8C204MM40 Datasheet HTML 11Page - LOGIC Devices Incorporated L8C204MM40 Datasheet HTML 12Page - LOGIC Devices Incorporated L8C204MM40 Datasheet HTML 13Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DEVICES INCORPORATED
9
L8C201/202/203/204
512/1K/2K/4K x 9-bit Asynchronous FIFO
03/04/99–LDS.8C201/2/3/4-H
FIFO Products
L8C201/202/203/204–
40
30
20
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tRLRL
Read Cycle Time (MHz)
50
40
30
tRLQV
Read Low to Output Valid (Access Time)
40
30
20
tRHRL
Read High to Read Low (Notes 8, 9)
10
10
10
tRLRH
Read Low to End of Read Cycle (Notes 8, 9)
40
30
20
tRHQV
Read High to Output Valid
55
5
tRHQZ
Read High to Output High Z (Note 14)
25
20
15
tWLWL
Write Cycle Time (Note 9)
50
40
30
tWLWH
Write Low to Write High (Notes 8, 9)
40
30
20
tWHWL
Write High to End of Write Cycle (Notes 8, 9)
10
10
10
tDVWH
Data Valid to Write High (Notes 8, 9)
20
18
12
tWHDX
Write High to Data Change (Notes 8, 9)
00
0
tSLSH
Reset Cycle Time (Notes 9, 10)
40
30
20
tSLWL
Reset Low to Write Low (Notes 9, 10)
50
40
30
tWHSH
Write High to Reset High (Notes 9, 10)
40
30
20
tRHSH
Read High to Reset High (Notes 9, 10)
40
30
20
tSHWL
Reset High to Write Low (Notes 9, 10)
10
10
10
tSLEL
Reset Low to Empty Flag Low
50
40
30
tSLHH
Reset Low to Half-Full Flag High
50
40
30
tSLFH
Reset Low to Full Flag High
50
40
30
SWITCHING CHARACTERISTICS Over Military Operating Range
ASYNCHRONOUS AND RESET TIMING (ns)
ASYNCHRONOUS READ AND WRITE OPERATION
tRLQV
R
tRLRL
tRLQV
tRLRH
tRHRL
tRHQV
tRHQZ
tDVWH
tWHDX
tWLWH
tWLWL
tWHWL
DATA-IN VALID
DATA-IN VALID
DATA-OUT VALID
DATA-OUT VALID
W
Q8-0
D8-0
RESET TIMING
tSLSH
W
tSLEL
tSLHH, tSLFH
tSLWL
tWHSH
tRHSH
tSHWL
RS
R
EF
HF, FF


Similar Part No. - L8C204MM40

ManufacturerPart #DatasheetDescription
logo
Zemic Europe B.V.
L8C ZEMIC-L8C Datasheet
432Kb / 3P
   Type L8C Rope Clamp Load Cell
2023.07
More results

Similar Description - L8C204MM40

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com