Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTT28N50Q Datasheet(PDF) 3 Page - International Rectifier

Part # IXTT28N50Q
Description  Power MOSFETs Q-Class
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IXTT28N50Q Datasheet(HTML) 3 Page - International Rectifier

  IXTT28N50Q Datasheet HTML 1Page - International Rectifier IXTT28N50Q Datasheet HTML 2Page - International Rectifier IXTT28N50Q Datasheet HTML 3Page - International Rectifier IXTT28N50Q Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 IXYS All rights reserved
IXTH 28N50Q
IXTT 28N50Q
Fig. 2. Extended Output Characteristics
@ 25 deg. C
0
10
20
30
40
50
60
70
0
5
10
15
20
25
V
D S - V olts
VGS= 10V
8V
5V
6V
7V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
7
14
21
28
0
2
4
6
81012
1416
V
DS - V olts
VGS = 10V
7V
5V
6V
Fig. 1. Output Characteristics
@ 25 Deg. C
0
7
14
21
28
0
1
2345
67
V
DS - V olts
VGS= 10V
7V
5V
6V
Fig. 4. RDS(on) Normalized to ID25 Value vs.
Junction Temperature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
I D= 28A
I D= 14A
VGS= 10V
Fig. 6. Drain Current vs. Case
Temperature
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
150
T
C - Degrees Centigrade
Fig. 5. RDS(on) Normalized to ID25
Value vs. ID
0.6
1
1.4
1.8
2.2
2.6
3
3.4
0
142842
5670
I
D - Amperes
TJ = 125ºC
TJ = 25º C
VGS= 10V


Similar Part No. - IXTT28N50Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT28N50Q IXYS-IXTT28N50Q Datasheet
177Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
More results

Similar Description - IXTT28N50Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTQ23N60Q IXYS-IXTQ23N60Q Datasheet
538Kb / 4P
   Power MOSFETs Q-Class
FMD21-05QC IXYS-FMD21-05QC Datasheet
62Kb / 2P
   Q-Class Power MOSFETs
IXFH7N90Q IXYS-IXFH7N90Q Datasheet
55Kb / 2P
   HiPerFETTM Power MOSFETs Q-Class
IXFH13N80Q IXYS-IXFH13N80Q Datasheet
51Kb / 2P
   HiPerFET Power MOSFETs Q Class
IXFH15N100Q IXYS-IXFH15N100Q Datasheet
137Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
   HiPerFET Power MOSFETs Q-CLASS
IXFH20N60Q IXYS-IXFH20N60Q Datasheet
153Kb / 4P
   HiPerFET Power MOSFETs Q-Class
IXFH26N55Q IXYS-IXFH26N55Q Datasheet
128Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH40N50Q IXYS-IXFH40N50Q Datasheet
128Kb / 2P
   HiPerFET Power MOSFETs Q-Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com