Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM6208HLP-35 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HM6208HLP-35
Description  65,536-word4-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM6208HLP-35 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HM6208HLP-35 Datasheet HTML 3Page - Hitachi Semiconductor HM6208HLP-35 Datasheet HTML 4Page - Hitachi Semiconductor HM6208HLP-35 Datasheet HTML 5Page - Hitachi Semiconductor HM6208HLP-35 Datasheet HTML 6Page - Hitachi Semiconductor HM6208HLP-35 Datasheet HTML 7Page - Hitachi Semiconductor HM6208HLP-35 Datasheet HTML 8Page - Hitachi Semiconductor HM6208HLP-35 Datasheet HTML 9Page - Hitachi Semiconductor HM6208HLP-35 Datasheet HTML 10Page - Hitachi Semiconductor HM6208HLP-35 Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HM6208H Series
10
Low V
CC Data Retention Characteristics (Ta = 0 to +70°C)
These characteristics are guaranteed for the L-version only.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
V
CC for data retention
V
DR
2.0
V
CS
≥ V
CC – 0.2 V,
Vin
≥ V
CC – 0.2 V, or
0 V
≤ Vin < 0.2 V,or
Data retention current
I
CCDR
—2
50
*1
µA
Chip deselect to data retention time
t
CDR
0
——ns
Operation recovery time
t
R
5
——ms
Note:
1. V
CC = 3.0 V
Low V
CC Data Retention Timing Waveform
Data retention mode
CS
≥ V
CC – 0.2 V
tCDR
VCC
4.5 V
2.2 V
VDR
0 V
CS
tR


Similar Part No. - HM6208HLP-35

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6208 HMSEMI-HM6208 Datasheet
965Kb / 5P
   Motor drive series
HM6208L HMSEMI-HM6208L Datasheet
559Kb / 5P
   2.0-7.0V 1.0A single channel H-bridge driver
HM6208MR HMSEMI-HM6208MR Datasheet
577Kb / 5P
   2.0-7.0V 1.0A single channel H-bridge driver
More results

Similar Description - HM6208HLP-35

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
   65,536 WORD x 4 BIT CMOS STATIC RAM
TC55464AP TOSHIBA-TC55464AP Datasheet
159Kb / 7P
   65,536 WORD x 4 BIT CMOS STATIC RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55V1664FT-12 TOSHIBA-TC55V1664FT-12 Datasheet
429Kb / 9P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
TC55V1664J-12 TOSHIBA-TC55V1664J-12 Datasheet
426Kb / 9P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V1864J TOSHIBA-TC55V1864J_V01 Datasheet
412Kb / 7P
   65,536 WORD x 18 BIT CMOS STATIC RAM
TC551664AJ TOSHIBA-TC551664AJ Datasheet
430Kb / 8P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com