Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA2560025D Datasheet(PDF) 11 Page - WOLFSPEED, INC.

Part # CMPA2560025D
Description  25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CMPA2560025D Datasheet(HTML) 11 Page - WOLFSPEED, INC.

Back Button CMPA2560025D Datasheet HTML 3Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 4Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 5Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 6Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 7Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 8Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 9Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 10Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 11Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CMPA2560025D
11
Rev. 2.3, 2022-12-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
For more information, please contact:
4600 Silicon Drive
Durham, NC 27703 USA
Tel: +1.919.313.5300
www.wolfspeed.com/RF
Sales Contact
RFSales@wolfspeed.com
RF Product Marketing Contact
RFMarketing@wolfspeed.com
Notes & Disclaimer
Specifications are subject to change without notice. “Typical” parameters are the average values expected
by Wolfspeed in large quantities and are provided for information purposes only. Wolfspeed products are not
warranted or authorized for use as critical components in medical, life-saving, or life-sustaining applications, or
other applications where a failure would reasonably be expected to cause severe personal injury or death. No
responsibility is assumed by Wolfspeed for any infringement of patents or other rights of third parties which may
result from use of the information contained herein. No license is granted by implication or otherwise under any
patent or patent rights of Wolfspeed.
©2008-2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
PATENT: https://www.wolfspeed.com/legal/patents
The information in this document is subject to change without notice.


Similar Part No. - CMPA2560025D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
More results

Similar Description - CMPA2560025D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
   25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Qorvo, Inc
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
   2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
logo
WOLFSPEED, INC.
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
   0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com