Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HIN200 Datasheet(PDF) 3 Page - Harris Corporation

Part No. HIN200
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HARRIS [Harris Corporation]
Homepage  http://www.harris.com
Logo 

 
 3 page
background image
8-5
Pinouts
HIN200 (SOIC)
TOP VIEW
HIN201 (SOIC)
TOP VIEW
T3OUT
T1OUT
T2OUT
T2IN
T1IN
GND
C1+
VCC
V+
C1-
T4OUT
NC
SD
T5OUT
T5IN
T4IN
T3IN
V-
C2-
C2+
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C+
C-
V-
T2OUT
R2IN
NC
T2IN
V+
GND
T1OUT
R1IN
R1OUT
T1IN
NC
VCC
R2OUT
VCC
+5V TO 10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
T1OUT
T2OUT
T3OUT
T4OUT
T5OUT
T5IN
T4IN
T1IN
T2IN
T3IN
T1
T2
T3
T4
T5
+5V
400k
+5V
+
0.1
µF
+
0.1
µF
+
0.1
µF
5
4
2
3
14
1
15
20
16
19
8
10
9
13
V+
V-
C1+
C1-
C2+
C2-
17
SD
7
+5V
400k
+5V
400k
+5V
400k
+5V
400k
+
0.1
µF
11
12
GND
6
VCC
+5V
16
V+
+9V TO +13.2V
15
T1OUT
T2OUT
T1IN
T2IN
T1
T2
10
7
13
4
+5V
400k
+5V
400k
R1OUT
R1IN
R1
12
11
5k
R2OUT
R2IN
R2
5
6
5k
+12V TO -12V
VOLTAGE INVERTER
0.1
µF
3
V-
C+
C-
+
0.1
µF
1
2
+
GND
14
HIN200 thru HIN213




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP1271Soft−Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch 1 2 3 4 5 MoreON Semiconductor
MAX33253V Dual RS-232 Transceiver with LCD Supply and Contrast Controller 1 2 3 4 5 MoreMaxim Integrated Products
MAX2115-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH +-15-KV ESD PROTECTION 1 2 3 4 5 MoreTI store
AD81974:1 HDMI/DVI Switch with Equalization 1 2 3 4 5 MoreAnalog Devices
DSEP2X91-06AHiPerFRED Epitaxial Diode with soft recovery 1 2 IXYS Corporation
NCS2552750 MHz Voltage Feedback Op Amp with Fast Enable Feature 1 2 3 4 5 MoreON Semiconductor
ADE7752BPolyphase Energy Metering IC with Pulsed Output 1 2 3 4 5 MoreAnalog Devices
CS5421Dual Out−of−Phase Synchronous Buck Controller with Remote Sense 1 2 3 4 5 MoreON Semiconductor
NB4L16M2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1 2 3 4 5 MoreON Semiconductor
DS3181Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl