Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HIN200 Datasheet(PDF) 1 Page - Harris Corporation

Part No. HIN200
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HARRIS [Harris Corporation]
Homepage  http://www.harris.com
Logo 

 
 1 page
background image
SEMICONDUCT OR
8-3
August 1997
HIN200 thru HIN213
+5V Powered RS-232 Transmitters/Receivers
with 0.1Microfarad External Capacitors
Features
• Meets All RS-232E and V.28 Specifications
• HIN203 and HIN205 Require No External Capacitors
• Requires Only 0.1
µF or Greater External Capacitors
• 120kbit/s Data Rate
• Two Receivers Active in Shutdown Mode (HIN213)
• Requires Only Single +5V Power Supply
- (+5V and +12V - HIN201 and HIN209)
• Onboard Voltage Doubler/Inverter
• Low Power Consumption (Typ) . . . . . . . . . . . . . . . 5mA
• Low Power Shutdown Function (Typ) . . . . . . . . . . .1
µA
• Three-State TTL/CMOS Receiver Outputs
• Multiple Drivers
-
±10V Output Swing for +5V lnput
- 300
Ω Power-Off Source Impedance
- Output Current Limiting
- TTL/CMOS Compatible
- 30V/
µs Maximum Slew Rate
• Multiple Receivers
-
±30V Input Voltage Range
-3k
Ω to 7kΩ Input Impedance
- 0.5V Hysteresis to Improve Noise Rejection
Description
The HIN200-HIN213 family of RS-232 transmitters/receivers
interface circuits meet all ElA RS-232E and V.28 specifications,
and are particularly suited for those applications where
±12V is
not available. They require a single +5V power supply (except
HIN201 and HIN209) and feature onboard charge pump volt-
age converters which generate +10V and -10V supplies from
the 5V supply. The HIN203 and HIN205 require no external
capacitors and are ideally suited for applications where circuit
board space is critical. The family of devices offers a wide vari-
ety of RS-232 transmitter/receiver combinations to accommo-
date various applications (see Selection Table).
The HIN200, HIN206, HIN211 and HIN213 feature a low
power shutdown mode to conserve energy in battery
powered applications. In addition, the HIN213 provides two
active receivers in shutdown mode allowing for easy
“wakeup” capability.
The drivers feature true TTL/CMOS input compatibility, slew
rate-limited output, and 300
Ω power-off source impedance.
The receivers can handle up to
±30V input, and have a 3kΩ
to 7k
Ω input impedance. The receivers also feature hystere-
sis to greatly improve noise rejection.
Applications
• Any System Requiring RS-232 Communications Port
- Computer - Portable, Mainframe, Laptop
- Peripheral - Printers and Terminals
- Instrumentation
- Modems
Selection Table
PART
NUMBER
POWER SUPPLY
VOLTAGE
NUMBER OF
RS-232
DRIVERS
NUMBER OF
RS-232
RECEIVERS
NUMBER OF
0.1
µF
EXTERNAL
CAPACITORS
LOW POWER
SHUTDOWN/TTL
THREE-STATE
NUMBER OF
RECEIVERS
ACTIVE IN
SHUTDOWN
HIN200
+5V
5
0
4 Capacitors
Yes/No
0
HIN201
+5V and +9V to 13.2V
2
2
2 Capacitors
No/No
0
HIN202
+5V
2
2
4 Capacitors
No/No
0
HIN203
+5V
2
2
None
No/No
0
HIN204
+5V
4
0
4 Capacitors
No/No
0
HIN205
+5V
5
5
None
Yes/Yes
0
HIN206
+5V
4
3
4 Capacitors
Yes/Yes
0
HIN207
+5V
5
3
4 Capacitors
No/No
0
HIN208
5V
4
4
4 Capacitors
No/No
0
HIN209
+5V and +9V to 13.2V
3
5
2 Capacitors
No/Yes
0
HIN211
+5V
4
5
4 Capacitors
Yes/Yes
0
HIN213
+5V
4
5
4 Capacitors
Yes/Yes
2
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
3980.6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP1271Soft−Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch 1 2 3 4 5 MoreON Semiconductor
MAX33253V Dual RS-232 Transceiver with LCD Supply and Contrast Controller 1 2 3 4 5 MoreMaxim Integrated Products
MAX2115-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH +-15-KV ESD PROTECTION 1 2 3 4 5 MoreTI store
AD81974:1 HDMI/DVI Switch with Equalization 1 2 3 4 5 MoreAnalog Devices
DSEP2X91-06AHiPerFRED Epitaxial Diode with soft recovery 1 2 IXYS Corporation
NCS2552750 MHz Voltage Feedback Op Amp with Fast Enable Feature 1 2 3 4 5 MoreON Semiconductor
ADE7752BPolyphase Energy Metering IC with Pulsed Output 1 2 3 4 5 MoreAnalog Devices
CS5421Dual Out−of−Phase Synchronous Buck Controller with Remote Sense 1 2 3 4 5 MoreON Semiconductor
NB4L16M2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1 2 3 4 5 MoreON Semiconductor
DS3181Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl