Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
UPA1572H Datasheet(PDF) 2 Page - NEC
Part No.
UPA1572H
Description
FAST
SWITCHING
N-CHANNEL
SILICON
POWER
MOS
FET
ARRAY
Download
4 Pages
Scroll/Zoom
100%
Maker
NEC [NEC]
Homepage
http://www.nec.com/
Logo
UPA1572H Datasheet(HTML) 2 Page - NEC
zoom in
zoom out
2
/ 4 page
Html Pages
1
2
3
4
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
2SK2275
SWITCHING
N-CHANNEL
POWER
MOS
FET
INDUSTRIAL
USE
1
2
3
4
5
More
NEC
2SK2499
SWITCHING
N-CHANNEL
POWER
MOS
FET
INDUSTRIAL
USE
1
2
3
4
5
More
NEC
2N7002S
SURFACE
MOUNT
Dual
N-Channel
Enhancement
MOS
FET
/
VOLTAGE
60
Volts
CURRENT
0.250
Ampere
1
2
3
4
5
List of Unclassifed Manufacturers
2SK1600
FIELD
EFFECT
TRANSISTOR
SILICON
N-CHANNEL
MOS
TYPE
1
2
3
4
5
More
Toshiba Semiconductor
IRFF120
N-Channel
Enhancement-Mode
Power
MOS
Field-Effect
Transistors
1
2
3
4
5
GE Solid State
2SK700
N-CHANNEL
MOS
FIELD
EFFECT
POWER
TRANSISTOR
1
2
3
NEC
ZXTDCM832
MPPS
Miniature
Package
Power
Solutions
DUAL
50V
NPN
SILICON
LOW
SATURATION
SWITCHING
TRANSISTOR
1
2
3
4
5
More
Zetex Semiconductors
2SJ182
SILICON
SPEED
POWER
SWITCHING
1
Hitachi Semiconductor
NCP2990
1.3
Watt
Audio
Power
Amplifier
with
Fast
Turn
On
Time
1
2
3
4
5
More
ON Semiconductor
TPC8020-H
Field
Effect
Transistor
Silicon
N
Channel
MOS
Type
Ultra
High-Speed
U-MOSIII
1
2
3
4
5
More
Toshiba Semiconductor
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn