Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK4131V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK4131V
Description  2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4131V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK4131V Datasheet HTML 1Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - STK4131V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4131V SANYO-STK4131V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.08%)
More results

Similar Description - STK4131V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4703 ETC1-STK4703 Datasheet
158Kb / 1P
   2-CHANNEL 10 TO 50W MIN AF POWER AMP.(DUAL-SUPPLY)
logo
Sanyo Semicon Device
STK8250 SANYO-STK8250 Datasheet
68Kb / 2P
   50W MIN AF POWER AMP
STK4913 SANYO-STK4913 Datasheet
156Kb / 2P
   Thick Film Hybid Circuit 2-Channel 50W Min AF Power Amp(Dual-Supply)
logo
List of Unclassifed Man...
STK2155 ETC-STK2155 Datasheet
84Kb / 2P
   2 CHANNEL 50W MIN AF POWER AMPLIFIER OUTPUT STAGE
logo
Sanyo Semicon Device
STK4192II SANYO-STK4192II Datasheet
253Kb / 8P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
   AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
STK4191V SANYO-STK4191V Datasheet
375Kb / 5P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.08%)
STK463 SANYO-STK463 Datasheet
46Kb / 1P
   2 POWER 2 CHANNEL 10 to 30W min AF POWER AMP
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK405-090 SANYO-STK405-090 Datasheet
153Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 50W 50W min, THD =10%??????????
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com