Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ1CG2032RZ Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ1CG2032RZ
Description  TO-220 Type Chopper Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1CG2032RZ Datasheet(HTML) 5 Page - Sharp Corporation

  PQ1CG2032RZ Datasheet HTML 1Page - Sharp Corporation PQ1CG2032RZ Datasheet HTML 2Page - Sharp Corporation PQ1CG2032RZ Datasheet HTML 3Page - Sharp Corporation PQ1CG2032RZ Datasheet HTML 4Page - Sharp Corporation PQ1CG2032RZ Datasheet HTML 5Page - Sharp Corporation PQ1CG2032RZ Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Chopper Regulators
PQ1CG2032FZ/PQ1CG2032RZ
Fig.15 Step Down Type Circuit Diagram
Fig.16 Polarity Inversion Type Circuit Diagram
1
2
L
D
5
3
4
PQ1CG2032
R1
R2
CO
Load
+
CIN
VIN
VO
−5V
+
65
µH
2 200
µF
220
µF
5~30V
3k
1k
RS
CS
ON/OFF control signal
RS≤50kΩ
12
L
D
5
3
4
PQ1CG2032
R1
RS
R2
VO 5V
CO
+
CIN
CS
VIN
+
90
µH
1 000
µF
220
µF
8~35V
3k
1k
ON/OFF control signal
RS≤50kΩ
Load


Similar Part No. - PQ1CG2032RZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CG2032RZH SHARP-PQ1CG2032RZH Datasheet
147Kb / 5P
   TO-220 Type Chopper Regulator
More results

Similar Description - PQ1CG2032RZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ_01 Datasheet
69Kb / 6P
   Chopper Regulators TO-220 Type Chopper Regulators
PQ1CG3032FZ SHARP-PQ1CG3032FZ Datasheet
90Kb / 8P
   TO 220 TYPE CHOPPER REGULATOR
PQ1CG2032FZH SHARP-PQ1CG2032FZH Datasheet
147Kb / 5P
   TO-220 Type Chopper Regulator
PQ1CF1 SHARP-PQ1CF1 Datasheet
28Kb / 3P
   TO-220 Package Chopper Regulator
PQ1CF2 SHARP-PQ1CF2 Datasheet
29Kb / 3P
   TO-220 Package Chopper Regulator
logo
Ceramate Technical
CP1032 CERAMATE-CP1032 Datasheet
307Kb / 12P
   Chopper Regulators
logo
ZP Semiconductor
CJ78M08-TO220-3L ZPSEMI-CJ78M08-TO220-3L Datasheet
651Kb / 1P
   TO-220 Plastic-Encapsulate Regulators
CJ78M06-TO220 ZPSEMI-CJ78M06-TO220 Datasheet
420Kb / 1P
   TO-220 Plastic-Encapsulate Regulators
logo
Sharp Corporation
PQ1CZ41H2ZXH SHARP-PQ1CZ41H2ZXH Datasheet
159Kb / 5P
   TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit
PQ1CG41H2FZH SHARP-PQ1CG41H2FZH Datasheet
144Kb / 5P
   TO-220 Type Chopper Regulator Built-in 300kHz oscillation circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com