Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC106ARX66CG Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC106ARX66CG
Description  PCI Bridge/Memory Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC106ARX66CG Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC106ARX66CG Datasheet HTML 5Page - Motorola, Inc MPC106ARX66CG Datasheet HTML 6Page - Motorola, Inc MPC106ARX66CG Datasheet HTML 7Page - Motorola, Inc MPC106ARX66CG Datasheet HTML 8Page - Motorola, Inc MPC106ARX66CG Datasheet HTML 9Page - Motorola, Inc MPC106ARX66CG Datasheet HTML 10Page - Motorola, Inc MPC106ARX66CG Datasheet HTML 11Page - Motorola, Inc MPC106ARX66CG Datasheet HTML 12Page - Motorola, Inc MPC106ARX66CG Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
MPC106 PCI Bridge/Memory Controller Hardware Specifications
9
Electrical and Thermal Characteristics
Figure 3 provides the input timing diagram for the 106.
Table 7. Input AC Timing Specifications
Num
Characteristic
66 MHz
83.3 MHz
Unit
Notes
Min
Max
Min
Max
10a Group I input signals valid to 60x Bus Clock (input setup)
4.0
3.5
ns
1,2,3
10a Group II input signals valid to 60x Bus Clock (input setup)
3.5
3.5
ns
1,2,4
10a Group III input signals valid to 60x Bus Clock (input setup)
3.0
2.5
ns
1,2,5
10a Group IV input signals valid to 60x Bus Clock (input setup)
5.0
4.0
ns
1,2,6
10b Group V input signals valid to SYSCLK (input setup)
7.0
7.0
ns
7,8
10b Group VI input signals valid to SYSCLK (input setup)
7.0
7.0
ns
7,9
11a 60x Bus Clock to group I–IV inputs invalid (input hold)
0
0
ns
3,4,5,6
11b SYSCLK to group V–VI inputs invalid (input hold)
–0.5
–0.5
ns
8,9
HRST pulse width
255 x
tsysclk +
100 µs
255 x
tsysclk +
100 µs
——
10c Mode select inputs valid to HRST (input setup)
3 x tsysclk
3 x tsysclk
ns
10,
11,12
11c HRST to mode select input invalid (input hold)
1.0
1.0
ns
10, 12
Notes:
1 Input specifications are measured from the TTL level (0.8 or 2.0 V) of the signal in question to the 1.4 V of the rising
edge of SYSCLK. Both input and output timings are measured at the pin (see Figure 3).
2 Processor and memory interface signals are specified from the rising edge of the 60x bus clock (which is internally
synchronized to SYSCLK).
3 Group I input signals include the following processor, L2, and memory interface signals: A[0–31], PAR[0–7]/AR[1–8],
BR[0–4], BRL2, XATS, LBCLAIM, ADS, BA0, TV and HIT (when configured for external L2)
4 Group II input signals include the following processor and memory interface signals: TBST, TT[0–4], TSIZ[0–2], WT,
CI, GBL, AACK, and TA.
5 Group III input signals include the following processor and memory interface signals: DL[0–31] and DH[0–31].
6 Group IV input signals include the following processor and L2 interface signals: TS, ARTRY, DIRTY_IN, and HIT
(when configured for internal L2 controller).
7 PCI 3.3 V signaling environment signals are measured from 1.65 V (Vdd ÷ 2) on the rising edge of SYSCLK to
VOH = 3.0 V or VOL = 0.3 V. PCI 5 V signaling environment signals are measured from 1.65 V (Vdd ÷ 2) on the rising
edge of SYSCLK to VOH = 2.4 V or VOL = 0.55 V.
8 Group V input signals include the following bussed PCI interface signals: FRAME, C/BE[0–3], AD[0–31], DEVSEL,
IRDY, TRDY, STOP, PAR, PERR, SERR, LOCK, FLSHREQ, and ISA_MASTER.
9 Group VI input signal is the point-to-point PCI GNT input signal.
10 The setup and hold time is with respect to the rising edge of HRST (see Figure 4). Mode select inputs include the
RCS0, FOE, and DBG0 configuration inputs.
11 t
sysclk is the period of the external clock (SYSCLK) in nanoseconds (ns). When the unit is given as tsysclk, the
numbers given in the table must be multiplied by the period of SYSCLK to compute the actual time duration (in
nanoseconds) of the parameter in question.
12 These values are guaranteed by design and are not tested.


Similar Part No. - MPC106ARX66CG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC106ARX66CG NXP-MPC106ARX66CG Datasheet
443Kb / 28P
   MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
More results

Similar Description - MPC106ARX66CG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC107A ATMEL-PC107A Datasheet
453Kb / 50P
   PCI Bridge Memory Controller
logo
NXP Semiconductors
MPC105 NXP-MPC105 Datasheet
422Kb / 24P
   MPC105 PCI Bridge/Memory Controller Hardware Specifications
5/95
MPC106EC NXP-MPC106EC Datasheet
443Kb / 28P
   MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
logo
Intel Corporation
82434LX INTEL-82434LX Datasheet
2Mb / 191P
   PCI, CACHE AND MEMORY CONTROLLER PCMC
logo
Texas Instruments
PCI2040 TI-PCI2040 Datasheet
308Kb / 79P
[Old version datasheet]   PCI2040 PCI-DSP Bridge controller
PCI2040PGE TI-PCI2040PGE Datasheet
292Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
PCI2040 TI1-PCI2040_06 Datasheet
319Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
logo
NXP Semiconductors
UCB1500 PHILIPS-UCB1500 Datasheet
1,001Kb / 58P
   PCI to AC97 bridge/host controller
Rev. 01 -4 February 2000
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
   PCI to SD Memory Card / SmartMedia??Interface Controller
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com