Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM1389 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part No. MM1389
Description  Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1389 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1389 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1389 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1389 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1389 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1389 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1389 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1389 Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUMI
Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch MM1389
Measuring Procedures
(Except where noted otherwise, VCC=5.0V, VC1=VCC, VC2=0V,
PULSE=VCC, C1~C6=0.1µF, impress VB=3.5V when S9 is 2)
Item
Symbol
Switch state
Notes
S1
S2
S3
S4
S5
S6
S7
S8
S9 S10~S15
Consumption current
ID
22
2
2
2
2
2
2
1
2
12
2
2
2
2
1
1
2
1
21
2
2
2
2
2
1
2
1
Voltage gain
GV
22
1
2
2
2
1
2
2
1
22
2
1
2
2
2
2
2
1
22
2
2
1
2
1
3
2
1
22
2
2
2
1
2
3
2
1
12
2
2
2
2
1
1
2
1
21
2
2
2
2
2
1
2
1
Frequency
FC
22
1
2
2
2
1
2
2
1
characteristic
22
2
1
2
2
2
2
2
1
22
2
2
1
2
1
3
2
1
22
2
2
2
1
2
3
2
1
12
2
2
2
2
1
1
1
2
21
2
2
2
2
2
1
1
2
Dynamic
VD1
2
21
22
2
1
2
1
2
range 1, 2
VD2
2
22
12
2
2
2
1
2
22
2
2
1
2
1
3
1
2
22
2
2
2
1
2
3
1
2
12
2
2
2
2
1
1
2
1
21
2
2
2
2
2
1
2
1
Crosstalk
CT
22
1
2
2
2
1
2
2
1
22
2
1
2
2
2
2
2
1
22
2
2
1
2
1
3
2
1
22
2
2
2
1
2
3
2
1
1
2
2
2
2
2
1
1
2
1, 2
2
2
1
2
2
2
1
2
2
1, 2
Switch input
VIH
2
2
2
2
1
2
1
3
2
1, 2
voltage H, L
VIL
2
1
2
2
2
2
1
1
2
1, 2
2
2
2
1
2
2
1
2
2
1, 2
2
2
2
2
2
1
1
3
2
1, 2
Clamp pin input
VCTH
22
2
2
2
2
1
1
2
1
voltage H, L
VCTL
22
2
2
2
2
1
2
2
1
22
2
2
2
2
1
3
2
1
VD1: Positive
dynamic range (from
clamp level)
VD2: Negative
dynamic range (from
clamp level)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NCS6415 Bus−Controlled Video Matrix Switch 1  2  3  4  5  More ON Semiconductor
AD8117 Video Crosspoint Switch Video Crosspoint Switch 1  2  3  4  5  More Analog Devices
NLAS9431 Low Voltage Single Supply Dual DPDT Analog Switch 1  2  3  4  5  More ON Semiconductor
DIM600XSM45-F000 Single Switch IGBT Module 1  2  3  4  5  More Dynex Semiconductor
AD8190 2:1 HDMI/DVI Switch with Equalization 1  2  3  4  5  More Analog Devices
MB40576 ASSP 1 CHANNEL 6-BIT VIDEO A/D CONVERTER 1  2  3  4  5  More Fujitsu Component Limited.
OR2 2-input OR gate with 1x drive strength 1  ams AG
NLAST9431 Low Voltage Single Supply Dual DPDT Analog Switch 1  2  3  4  5  More ON Semiconductor
DG2612 Low-Voltage Low rON SPDT Audio Switch with Negative Swing Capability 1  2  3  4  5  More Vishay Siliconix
ISL59532 32x32 Video Crosspoint 1  2  3  4  5  More Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn