Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ET9600 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. ET9600
Description  THREE CHANNEL DIFFERENTIAL LINE DRIVER IC
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ET9600 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ETIC RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME TO IMPROVE THE DESIGN AND TO SUPPLY THE BEST PRODUCT.
© 2000, Rev A1
iC-Haus GmbH
Tel +49-6135-9292-0
Integrated Circuits
Fax +49-6135-9292-192
Am Kuemmerling 18, D-55294 Bodenheim
http://www.ichaus.com
Page 1 of 2
FEATURES
Supply Voltage Range 4.5V to 30V
Operation to 800KHz
CMOS and TTL Compatible Inputs
Outputs RS-422A Compatible
High Impedance Buffered Inputs with Hysteresis
Outputs short circuit protected
70mA peak SINK/SOURCE current
Outputs Protected by Thermal Shut-Down
THREE CHANNEL DIFFERENTIAL
LINE DRIVER IC
With built-in current sink to drive an LED
ET9600
DESCRIPTION
These line drivers are similar to the four channel 26ET31, with the added feature of providing an internal LED drive.
The device is biased so that the base of the LED drive transistor (shown) is held at 2.5V. To set the LED current,
connect a resistor from RSET to ground. For more information on LED drive, see application note APP-D2.
Voltage connected to the VCC pin is regulated for use by logic functions within the chip, while the output drivers run
off this voltage without modification.
The device marking (see photo) includes the suffix SCP to denote that this version has ‘short circuit protection’.
APPLICATIONS
Optical Encoders
Industrial Controls
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min.
Max.
Units
Ref.
Operating Temperature
Range
TA
-40
125
°C
Note 1
Supply Voltage Range
VCC
4.5
30
V


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn