Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1977 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1977
Description  High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1977 Datasheet(HTML) 3 Page - Linear Technology

  LT1977 Datasheet HTML 1Page - Linear Technology LT1977 Datasheet HTML 2Page - Linear Technology LT1977 Datasheet HTML 3Page - Linear Technology LT1977 Datasheet HTML 4Page - Linear Technology LT1977 Datasheet HTML 5Page - Linear Technology LT1977 Datasheet HTML 6Page - Linear Technology LT1977 Datasheet HTML 7Page - Linear Technology LT1977 Datasheet HTML 8Page - Linear Technology LT1977 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT1977
3
1977f
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, SHDN = 12V, BIAS = 5V, FB/PGFB = 1.25V, CSS/SYNC = 0V
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch On Resistance (Note 9)
0.2
0.4
Switching Frequency
425
500
575
kHz
Maximum Duty Cycle
86
92
%
Minimum SYNC Amplitude
1.5
2.0
V
SYNC Frequency Range
575
700
kHz
SYNC Input Impedance
85
kΩ
ICSS
CSS Current Threshold (Note 10)
7
13
20
µA
IPGFB
PGFB Input Current
25
100
nA
VPGFB
PGFB Voltage Threshold (Note 11)
88
90
92
%
ICT
CT Source Current (Note 11)
2
3.6
5.5
µA
CT Sink Current (Note 11)
1
2
mA
VCT
CT Voltage Threshold (Note 11)
1.16
1.2
1.26
V
PG Leakage (Note 11)
VPG = 12V
0.1
1
µA
PG Sink Current (Note 11)
PGFB = 1V, PG = 400mV
100
200
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1977EFE is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT1977IFE is guaranteed and tested over the full –40°C to 125°C
operating junction temperature range.
Note 3: Minimum input voltage is defined as the voltage where switching
starts. Actual minimum input voltage to maintain a regulated output will
depend upon output voltage and load current. See Applications
Information.
Note 4: Supply input current is the quiescent current drawn by the input
pin. Its typical value depends on the voltage on the BIAS pin and operating
state of the LT1977. With the BIAS pin at 0V, all of the quiescent current
required to operate the LT1977 will be provided by the VIN pin. With the
BIAS voltage above its minimum input voltage, a portion of the total
quiescent current will be supplied by the BIAS pin. Supply sleep current is
defined as the quiescent current during the “sleep” portion of Burst Mode
operation. See Applications Information for determining application supply
currents.
Note 5: Minimum BIAS voltage is the voltage on the BIAS pin when IBIAS is
sourced into the pin.
Note 6: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 7: Boost current is the current flowing into the BOOST pin with the pin
held 3.3V above input voltage. It flows only during switch on time.
Note 8: Gain is measured with a VC swing from 1.15V to 750mV.
Note 9: Switch on resistance is calculated by dividing VIN to SW voltage by the
forced current (1.5A). See Typical Performance Characteristics for the graph
of switch voltage at other currents.
Note 10: The CSS threshold is defined as the value of current sourced into the
CSS pin which results in an increase in sink current from the VC pin. See the
Soft-Start section in Applications Information.
Note 11: The PGFB threshold is defined as the percentage of VREF voltage
which causes the current source output of the CT pin to change from
sinking (below threshold) to sourcing current (above threshold). When
sourcing current, the voltage on the CT pin rises until it is clamped
internally. When the clamp is activated, the output of the PG pin will be set
to a high impedance state. When the CT clamp is inactive the PG pin will
be set active low with a current sink capability of 200µA.


Similar Part No. - LT1977

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1977 LINER-LT1977 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1977 LINER-LT1977 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
More results

Similar Description - LT1977

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3435 LINER-LT3435 Datasheet
319Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
   1.5A, 500kHz Step-down Voltage Regulator
logo
Linear Technology
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com