Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1910V80 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DCR1910V80
Description  Phase Control Thyristor Preliminary Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1910V80 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DCR1910V80 Datasheet HTML 1Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 2Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 3Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 4Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 5Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 6Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 7Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 8Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SEMICONDUCTOR
DCR1910V85
6/9
www.dynexsemi.com
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
500 1000 1500 2000 2500 3000 3500 4000 4500
Mean on-state current, IT(AV) - (A)
d.c.
180
120
90
60
30
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
500 1000 1500 2000 2500 3000 3500 4000
Mean on-state current, IT(AV) - (A)
d.c.
180
120
90
60
30
Fig.7 Maximum permissible case temperature,
double side cooled – rectangular wave
Fig.8 Maximum permissible heatsink temperature,
double side cooled – rectangular wave
0
2
4
6
8
10
12
14
16
18
20
0.001
0.01
0.1
1
10
100
Time ( s )
Double Side
Cooling
Anode Side
Cooling
Cathode
Sided Cooling
1
2
3
4
Double side cooled
Ri (°C/kW)
0.9206
1.8299
3.4022
1.3044
Ti (s)
0.0076807
0.0579454
0.4078613
1.2085
Anode side cooled
Ri (°C/kW)
0.9032
1.6719
3.0101
7.4269
Ti (s)
0.0075871
0.0536531
0.3144537
5.624
Cathode side cooled
Ri (°C/kW)
0.9478
2.0661
1.6884
13.0847
Ti (s)
0.0078442
0.0645541
0.3894389
4.1447
Zth =
Σ [Ri x ( 1-exp. (t/ti))]
[1]
∆R
th(j-c) Conduction
Tables show the increments of thermal resistance Rth(j-c) when the device
operates at conduction angles other than d.c.
Double side cooling
Anode Side Cooling
Cathode Sided Cooling
∆Zth (z)
∆Zth (z)
∆Zth (z)
θ°
sine.
rect.
θ°
sine.
rect.
θ°
sine.
rect.
180
1.34
0.88
180
1.34
0.88
180
1.33
0.88
120
1.57
1.30
120
1.57
1.30
120
1.57
1.29
90
1.83
1.54
90
1.84
1.54
90
1.83
1.53
60
2.08
1.81
60
2.08
1.81
60
2.07
1.80
30
2.27
2.11
30
2.28
2.11
30
2.26
2.10
15
2.36
2.28
15
2.37
2.28
15
2.35
2.26
Fig.9 Maximum (limit) transient thermal impedance – junction to case (°C/kW)


Similar Part No. - DCR1910V80

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1910V80 DYNEX-DCR1910V80 Datasheet
194Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR1910V80

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR720E DYNEX-DCR720E Datasheet
134Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR5980Z DYNEX-DCR5980Z Datasheet
126Kb / 9P
   Phase Control Thyristor Target Information
DCR1660Y DYNEX-DCR1660Y Datasheet
139Kb / 9P
   Phase Control Thyristor Target Information
DCR1021SF DYNEX-DCR1021SF Datasheet
211Kb / 11P
   Phase Control Thyristor Target Information
DCR1260Y DYNEX-DCR1260Y Datasheet
147Kb / 10P
   Phase Control Thyristor Target Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
   Dual Thyristor Water Cooled Module Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com