Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3028BE Datasheet(PDF) 3 Page - Harris Corporation

Part # CA3028BE
Description  Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3028BE Datasheet(HTML) 3 Page - Harris Corporation

  CA3028BE Datasheet HTML 1Page - Harris Corporation CA3028BE Datasheet HTML 2Page - Harris Corporation CA3028BE Datasheet HTML 3Page - Harris Corporation CA3028BE Datasheet HTML 4Page - Harris Corporation CA3028BE Datasheet HTML 5Page - Harris Corporation CA3028BE Datasheet HTML 6Page - Harris Corporation CA3028BE Datasheet HTML 7Page - Harris Corporation CA3028BE Datasheet HTML 8Page - Harris Corporation CA3028BE Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
7-8
Quiescent Operating
Current (Figures 2, 3, 17,
18, 19)
I6, I8
VCC = 6V, VEE = -6V
0.8
1.25
2.0
1.0
1.25
1.5
-
-
-
mA
VCC = 12V, VEE = -12V
2.0
3.3
5.0
2.5
3.3
4.0
-
-
-
mA
VCC = 9V
-
-
-
-
-
-
1.2
2.2
3.5
mA
VCC = 12V
-
-
-
-
-
-
2.0
3.3
5.0
mA
AGC Bias Current
(Into Constant Current
Source Terminal 7)
(Figures 4, 20)
I7
VCC = 12V, VAGC = 9V
-
1.28
-
-
1.28
-
-
-
-
mA
VCC = 12V, VAGC = 12V
-
1.65
-
-
1.65
-
-
-
-
mA
VCC = 9V
-
-
-
-
-
-
-
1.15
-
mA
VCC = 12V
-
-
-
-
-
-
-
1.55
-
mA
Input Current
(Terminal 7)
I7
VCC = 6V, VEE = -6V
0.5
0.85
1.0
0.5
0.85
1.0
-
-
-
mA
VCC = 12V, VEE = -12V
1.0
1.65
2.1
1.0
1.65
2.1
-
-
-
mA
Power Dissipation
(Figures 2, 3, 21)
PT
VCC = 6V, VEE = -6V
24
36
54
24
36
42
-
-
-
mW
VCC = 12V, VEE = -12V
120
175
260
120
175
220
-
-
-
mW
VCC = 9V
-
-
-
-
-
-
-
50
80
mW
VCC = 12V
-
-
-
-
-
-
-
100
150
mW
DYNAMIC CHARACTERISTICS
Power Gain (Figures 5,
6, 7, 22, 24, 26)
GP
f = 100MHz
Cascode
16
20
-
16
20
-
-
-
-
dB
VCC = 9V
Diff. Amp.
14
17
-
14
17
-
-
-
-
dB
f = 10.7MHz Cascode
(Note 8)
35
39
-
35
39
-
35
39
-
dB
VCC = 9V
Diff. Amp.
(Note 8)
28
32
-
28
32
-
28
32
-
dB
Noise Figure (Figures 5,
6, 7, 23, 25, 26)
NF
f = 100MHz,
VCC = 9V
Cascode
-
7.2
9.0
-
7.2
9.0
-
-
-
dB
Diff. Amp.
-
6.7
9.0
-
6.7
9.0
-
-
-
dB
Input Admittance
(Figures 27, 28)
Y11
f = 10.7MHz,
VCC = 9V
Cascode
-
0.6 +
j1.6
-
-
0.6 +
j1.6
-
-
0.6 +
j1.6
-mS
Diff. Amp.
-
0.5 +
j0.5
-
-
0.5 +
j0.5
-
-
0.5 +
j0.5
-mS
Reverse Transfer
Admittance
(Figures 29, 30)
Y12
f = 10.7MHz,
VCC = 9V
Cascode
-
0.0003
- j0
-
-
0.0003
- j0
-
-
0.0003
- j0
-mS
Diff. Amp.
-
0.01 -
j0.0002
-
-
0.01 -
j0.0002
-
-
0.01 -
j0.0002
-mS
Forward Transfer
Admittance
(Figures 31, 32)
Y21
f = 10.7MHz,
VCC = 9V
Cascode
-
99 -
j18
-
-
99 -
j18
-
-
99 -
j18
-mS
Diff. Amp.
-
-37 +
j0.5
-
-
-37 +
j0.5
-
-
-37 +
j0.5
-mS
Output Admittance
(Figures 33, 34)
Y22
f = 10.7MHz,
VCC = 9V
Cascode
-
0 +
j0.08
-
-
0 +
j0.08
-
-
0 +
j0.08
-mS
Diff. Amp.
-
0.04 +
j0.23
-
-
0.04 +
j0.23
-
-
0.04 +
j0.23
-mS
Output Power (Untuned)
(Figures 8, 35)
PO
f = 10.7MHz,
VCC = 9V
Diff. Amp.,
50
Ω Input-
Output
-
5.7
-
-
5.7
-
-
-
-
µW
AGC Range (Maximum
Power Gain to Full Cut-
off) (Figures 9, 36)
AGC
f = 10.7MHz,
VCC = 9V
Diff. Amp.
-
62
-
-
62
-
-
-
-
dB
Voltage Gain
(Figures 10, 11, 37, 38)
A
f = 10.7MHz,
VCC = 9V,
RL = 1kΩ
Cascode
-
40
-
-
40
-
-
40
-
dB
Diff. Amp.
-
30
-
-
30
-
-
30
-
dB
Differential Voltage Gain
at f = 1kHz (Figure 12)
AVCC = 6V, VEE = -6V,
RL = 2kΩ
---
35
38
42
-
--
dB
VCC = 12V, VEE = -12V,
RL = 1.6kΩ
-
-
-
40
42.5
45
-
-
-
dB
Electrical Specifications
TA = 25
oC (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
CA3028A
CA3028B
CA3053
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
CA3028A, CA3028B, CA3053


Similar Part No. - CA3028BE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3028 INTERSIL-CA3028 Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028A HARRIS-CA3028A Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028AE INTERSIL-CA3028AE Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028AE HARRIS-CA3028AE Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
More results

Similar Description - CA3028BE

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com