Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3028AM96 Datasheet(PDF) 4 Page - Harris Corporation

Part # CA3028AM96
Description  Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3028AM96 Datasheet(HTML) 4 Page - Harris Corporation

  CA3028AM96 Datasheet HTML 1Page - Harris Corporation CA3028AM96 Datasheet HTML 2Page - Harris Corporation CA3028AM96 Datasheet HTML 3Page - Harris Corporation CA3028AM96 Datasheet HTML 4Page - Harris Corporation CA3028AM96 Datasheet HTML 5Page - Harris Corporation CA3028AM96 Datasheet HTML 6Page - Harris Corporation CA3028AM96 Datasheet HTML 7Page - Harris Corporation CA3028AM96 Datasheet HTML 8Page - Harris Corporation CA3028AM96 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
7-9
Max Peak-to-Peak
Output Voltage at f = 1kHz
(Figure 12)
VO(P-P) VCC = 6V, VEE = -6V,
RL = 2kΩ
-
-
-
7.0
11.5
-
-
-
-
VP-P
VCC = 12V, VEE = -12V,
RL = 1.6kΩ
---
15
23
-
---
VP-P
Bandwidth at -3dB Point
(Figure 12)
BW
VCC = 6V, VEE = -6V,
RL = 2kΩ
-
-
-
-
7.3
-
-
-
-
MHz
VCC = 12V, VEE = -12V,
RL = 1.6kΩ
-
-
-
-
8.0
-
-
-
-
MHz
Common Mode Input
Voltage Range
(Figure 13)
VCMR
VCC = 6V, VEE = -6V
-
-
-
-2.5
-3.2 to
-4.5
4-
-
-
V
VCC = 12V, VEE = -12V
-
-
-
-5.0
-7 to
-9
7-
-
-
V
Common Mode Rejec-
tion Ratio (Figure 13)
CMRR
VCC = 6V, VEE = -6V
-
-
-
60
110
-
-
-
-
dB
VCC = 12V, VEE = -12V
-
-
-
60
90
-
-
-
-
dB
Input Impedance at
f = 1kHz
ZIN
VCC = 6V, VEE = -6V
-
-
-
-
5.5
-
-
-
-
k
VCC = 12V, VEE = -12V
-
-
-
-
3.0
-
-
-
-
k
Peak-to-Peak Output
Current
IP-P
f = 10.7MHz,
eIN =
400mV,
Diff. Amp.
VCC = 9V
2.0
4.0
7.0
2.5
4.0
6.0
2.0
4.0
7.0
mA
VCC = 12V
3.5
6.0
10
4.5
6.0
8.0
3.5
6.0
10
mA
NOTE:
8. Does not apply to CA3053.
Electrical Specifications
TA = 25
oC (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
CA3028A
CA3028B
CA3053
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Test Circuits
NOTES:
9. Adjust R1 for VOUT = 0V ±0.1V.
10. Record Input Offset Voltage.
FIGURE 1. INPUT OFFSET VOLTAGE TEST CIRCUIT FOR
CA3028B
NOTE:
.
FIGURE 2. INPUT OFFSET CURRENT, INPUT BIAS CURRENT,
POWER DISSIPATION, AND QUIESCENT
OPERATING CURRENT TEST CIRCUIT FOR
CA3028A AND CA3028B
ICUT
5
7
3
6
8
3
µF
1
2.7
2.7
2.7
2.7
270
270
3V
-
+
R1
10
DC DIFF.
VOLTMETER
FLUKE TYPE
80 OR EQUIV.
3
µF
1k
1k
VCC
DC
VTVM
VIO
NOTE 10
NOTE 9
VEE
VOUT
Power Dissipation
I
3VEE
I
6
I
8
+
()V
CC
+
=
ICUT
5
7
3
6
8
3
µF
1
3
µF
VCC
VEE
I1
-
+
-
+
-
+
I6
I8
-
+
I5
I7
I3
-
+
-
+
CA3028A, CA3028B, CA3053


Similar Part No. - CA3028AM96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3028AM96 INTERSIL-CA3028AM96 Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028AM96 HARRIS-CA3028AM96 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
More results

Similar Description - CA3028AM96

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com