Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP2B30 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CCP2B30
Description  MICRO FUSE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CCP2B30 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CCP2B30 Datasheet HTML 1Page - List of Unclassifed Manufacturers CCP2B30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
本カタログに掲載の仕様は予告なく変更する場合があります。御注文及び御使用前に、納入仕様書などで内容を御確認下さい。
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
■外形寸法 Dimensions
■性能 Performance
■溶断特性 Fusing Characteristics (標準溶断特性 Average Fusing Characteristics)
■周囲温度による定格電流の軽減率
Rating Current Derating
試験項目
試験方法
規格値
Test Characteristics
Test Methods
Performance Requirement
CCP2E:定格電流値の250%電流を通電する。
溶断時間
250% of rated current shall be carried.
1秒以内
Clearing time
CCP2B:定格電流値の200%電流を通電する。
Within 1s.
200% of rated current shall be carried.
開回路電圧
溶断後、両電極間に直流電圧を印加する。
発煙、発火、破裂等の異常がないこと。
Open circuit voltage
Apply DC voltage between the termination after fusing.
No fuming, flaming, explosion.
CCP2B:24V CCP2E:72V
残留抵抗値
溶断後の直流抵抗を測定する。
10kΩ以上
Residual resistance
Measure DC resistance after fusing.
Over 10kΩ
端子強度
たわみ強さ:支持点間隔 90mm, 曲げ幅 10mm, 1回
電極切断、導通断線等の異常がないこと。
Bending test
Holding point 90mm, Bending 10mm, 1 time.
No breakdown of termination and disconnection
はんだ耐熱性
260℃±5℃, 10s±0.5s, 2cycles
△R:±10%
Resistance to soldering heat
はんだ付け性
230℃±5℃, 3s±0.5s
95%以上が新しいはんだで覆われていること。
Solderability
95% Coverage min.
通電寿命
70℃±3℃, 1000h, 定格電流 Rated current
△R:±10%
Load life
1.5時間 ON/0.5時間 OFFの周期 1.5h ON/ 0.5h OFF cycle
耐湿負荷寿命
40℃±2℃, 90%∼95%RH, 定格電流 Rated current
△R:±10%
Moisture resistance
1.5時間 ON/0.5時間 OFFの周期 1.5h ON/ 0.5h OFF cycle
温度サイクル
−40℃(30 min.)/+125℃(30 min.)10cycles
△R:±10%
Temperature cycling
耐溶剤性
MIL-STD-202F準拠
表示消え等、外観に異常がないこと。
Resistance to solvent
Conforming to MIL-STD-202F
No aberration of marking in appearance
2 0
W
t
h
t
L
d
e
10
1
0.1
0.01
0.001
溶断電流値 Fusing current(A)
01234567
8
15 20 25 30 35 40
50
63
10
1
0.1
0.01
0.001
溶断電流値 Fusing current(A)
01234567
8
101315 20 25 30
35 3840 45 50
63
形 名
寸 法 Dimensions (mm)
Weight(g)
Type
L±0.2
W±0.2
t±0.2
h±0.1
e±0.1
d±0.1 (1000pcs)
CCP2B
3.2
1.6
1.2
0.8
1.2
0.6
13.0
CCP2E
3.2
2.5
2.2
1.9
1.7
0.5
38.5
100
80
60
40
20
0
周囲温度 Ambient temperature
(℃)
-40
-20
0
20
40
60
80
100 120
140 160
180
70
125
175
CCP2B
CCP2E


Similar Part No. - CCP2B30

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
CCP2B-1-100CF EATON-CCP2B-1-100CF Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
CCP2B-1-15CF EATON-CCP2B-1-15CF Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
CCP2B-1-20CF EATON-CCP2B-1-20CF Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
CCP2B-1-30CF EATON-CCP2B-1-30CF Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
More results

Similar Description - CCP2B30

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERBRD1R00X PANASONIC-ERBRD1R00X Datasheet
156Kb / 5P
   Micro Chip Fuse
ERB-SE5R00U PANASONIC-ERB-SE5R00U Datasheet
139Kb / 5P
   micro chip fuse
ERB-SE1R00U PANASONIC-ERB-SE1R00U Datasheet
139Kb / 5P
   Micro Chip Fuse
ERBSE0R25U PANASONIC-ERBSE0R25U Datasheet
239Kb / 5P
   Micro Chip Fuse
ERB-SD3R00U PANASONIC-ERB-SD3R00U Datasheet
139Kb / 5P
   Micro Chip Fuse
logo
Bel Fuse Inc.
MS250 BEL-MS250 Datasheet
385Kb / 2P
   Slow Blow Micro Fuse
MQ100 BEL-MQ100 Datasheet
89Kb / 2P
   Quick Acting Micro Fuse
MQ100 BEL-MQ100 Datasheet
1Mb / 4P
   QUICK ACTING MICRO FUSE
logo
List of Unclassifed Man...
MS1.5 ETC1-MS1.5 Datasheet
57Kb / 2P
   SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MQ100 BEL-MQ100 Datasheet
83Kb / 2P
   Quick Acting Micro Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com