Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CCP2B15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. CCP2B15
Description  MICRO FUSE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CCP2B15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CCP2B15 Datasheet HTML 1Page - List of Unclassifed Manufacturers CCP2B15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
本カタログに掲載の仕様は予告なく変更する場合があります。御注文及び御使用前に、納入仕様書などで内容を御確認下さい。
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
MICRO FUSE
CCP 回路保護用素子
Chip Circuit Protectors
■構造図 Construction
■定格 Ratings
■品名構成 Type Designation
例 Example
外装色:黒 Body color:Black
■特長 Features
過電流に対してすみやかに発熱、発煙することなく回路を遮断します。
金属電極であり、端子強度、はんだ付け性に優れています。
外装はモールド成型品であり、寸法精度が良く、搭載性に優れています。
リフロー、フローはんだ付けに対応します。
Immediate cutting off against excessive current of circuit without
generating heat and fuming.
Excellent terminal strength and solderability due to metal electrode.
Excellent dimension accuracy, mountability and shock-resistance due to
plastic molding.
Suitable for reflow and flow soldering.
■取得規格 Recognized Standard
UL 248.14 File No. E131375
c-UL (CSA) C22.2 No. 248.14 File No. E131375
CCP
2E
20
TE
品 種
Product
Code
サイズ
Sise
2B:3.2×1.6mm
2E:3.2×2.5mm
定 格
Rating
二次加工
Taping
TE:4mm pitch plastic
embossed
① ヒューズエレメント  Fuse element
② 電極         Electrode 
③ バッファー      Buffer
④ モールド樹脂     Molded resin
テーピングの詳細については巻末のAPPENDIX Cを参照して下さい。
For further informations of taping, please refer to APPENDIX C on the
back pages.
形  名
定格電流
溶断電流
溶断時間
内部抵抗値
定格電圧
定格周囲温度
使用温度範囲
テーピングと包装数/リール
Type
Rated
Fusing
Fusing
Internal R.
Rated
Rated
Operating Temp.
Taping & Q'ty/Reel (pcs)
Current
Current
Time
Max.(mΩ)
Voltage
Ambient Temp.
Range
TE
CCP2B15
0.75A
1.5A
150
CCP2B20
1.00A
2.0A
100
CCP2B25
1.25A
2.5A
75
CCP2B30
1.50A
3.0A
60
24V
3,000
CCP2B35
1.75A
3.5A
50
CCP2B40
2.00A
4.0A
45
CCP2B50
2.50A
5.0A
溶断電流
35
CCP2B63
3.15A
6.3A
印加時に
23
CCP2E10
0.4A
1.0A
1秒以内
200
CCP2E13
0.52A
1.3A
170
+70℃
−40℃∼
CCP2E15
0.6A
1.5A
Fusing
150
+125℃
CCP2E20
0.8A
2.0A
current
100
CCP2E25
1.0A
2.5A
Max. 1s.
75
CCP2E30
1.2A
3.0A
60
72V
CCP2E35
1.4A
3.5A
50
2,000
CCP2E38
1.5A
3.8A
48
CCP2E40
1.6A
4.0A
45
CCP2E45
1.8A
4.5A
40
CCP2E50
2.0A
5.0A
35
CCP2E63
2.5A
6.25A
23


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NIS5112 Electronic Fuse 1  2  3  4  5  More ON Semiconductor
DG3537DB MICRO FOOT 3x3 0.5-mm PITCH 0.238-mm BUMP HEIGHT 1  Vishay Siliconix
LWY87S Micro SIDELED White Hyper-Bright LED 1  2  3  4  5  More OSRAM GmbH
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn