Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CCP2B15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. CCP2B15
Description  MICRO FUSE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CCP2B15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CCP2B15 Datasheet HTML 1Page - List of Unclassifed Manufacturers CCP2B15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
本カタログに掲載の仕様は予告なく変更する場合があります。御注文及び御使用前に、納入仕様書などで内容を御確認下さい。
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
■外形寸法 Dimensions
■性能 Performance
■溶断特性 Fusing Characteristics (標準溶断特性 Average Fusing Characteristics)
■周囲温度による定格電流の軽減率
Rating Current Derating
試験項目
試験方法
規格値
Test Characteristics
Test Methods
Performance Requirement
CCP2E:定格電流値の250%電流を通電する。
溶断時間
250% of rated current shall be carried.
1秒以内
Clearing time
CCP2B:定格電流値の200%電流を通電する。
Within 1s.
200% of rated current shall be carried.
開回路電圧
溶断後、両電極間に直流電圧を印加する。
発煙、発火、破裂等の異常がないこと。
Open circuit voltage
Apply DC voltage between the termination after fusing.
No fuming, flaming, explosion.
CCP2B:24V CCP2E:72V
残留抵抗値
溶断後の直流抵抗を測定する。
10kΩ以上
Residual resistance
Measure DC resistance after fusing.
Over 10kΩ
端子強度
たわみ強さ:支持点間隔 90mm, 曲げ幅 10mm, 1回
電極切断、導通断線等の異常がないこと。
Bending test
Holding point 90mm, Bending 10mm, 1 time.
No breakdown of termination and disconnection
はんだ耐熱性
260℃±5℃, 10s±0.5s, 2cycles
△R:±10%
Resistance to soldering heat
はんだ付け性
230℃±5℃, 3s±0.5s
95%以上が新しいはんだで覆われていること。
Solderability
95% Coverage min.
通電寿命
70℃±3℃, 1000h, 定格電流 Rated current
△R:±10%
Load life
1.5時間 ON/0.5時間 OFFの周期 1.5h ON/ 0.5h OFF cycle
耐湿負荷寿命
40℃±2℃, 90%∼95%RH, 定格電流 Rated current
△R:±10%
Moisture resistance
1.5時間 ON/0.5時間 OFFの周期 1.5h ON/ 0.5h OFF cycle
温度サイクル
−40℃(30 min.)/+125℃(30 min.)10cycles
△R:±10%
Temperature cycling
耐溶剤性
MIL-STD-202F準拠
表示消え等、外観に異常がないこと。
Resistance to solvent
Conforming to MIL-STD-202F
No aberration of marking in appearance
2 0
W
t
h
t
L
d
e
10
1
0.1
0.01
0.001
溶断電流値 Fusing current(A)
01234567
8
15 20 25 30 35 40
50
63
10
1
0.1
0.01
0.001
溶断電流値 Fusing current(A)
01234567
8
101315 20 25 30
35 3840 45 50
63
形 名
寸 法 Dimensions (mm)
Weight(g)
Type
L±0.2
W±0.2
t±0.2
h±0.1
e±0.1
d±0.1 (1000pcs)
CCP2B
3.2
1.6
1.2
0.8
1.2
0.6
13.0
CCP2E
3.2
2.5
2.2
1.9
1.7
0.5
38.5
100
80
60
40
20
0
周囲温度 Ambient temperature
(℃)
-40
-20
0
20
40
60
80
100 120
140 160
180
70
125
175
CCP2B
CCP2E


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NIS5112 Electronic Fuse 1  2  3  4  5  More ON Semiconductor
DG3537DB MICRO FOOT 3x3 0.5-mm PITCH 0.238-mm BUMP HEIGHT 1  Vishay Siliconix
LWY87S Micro SIDELED White Hyper-Bright LED 1  2  3  4  5  More OSRAM GmbH
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn