Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD6609FV Datasheet(PDF) 2 Page - Rohm

Part No. BD6609FV
Description  Spindle Motor Driver for CD/MD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6609FV Datasheet(HTML) 2 Page - Rohm

  BD6609FV Datasheet HTML 1Page - Rohm BD6609FV Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Circuit current
Output saturation voltage H1
ICCS
VOH1
µA
V
35
1
10
0.85
STBY=L
(Unless otherwise noted, Ta=25˚C, Vcc=3.4V, V M=0.3V)
Electrical characteristics
Conditions
Parameter
Symbol
Unit
Min.
Typ.
Max.
Block Diagram
ICC
mA
15
11
STBY=H IM=20mA
Output saturation voltage H2
VOH2
V
0.35
0.2
Output saturation voltage L
VOL
V
0.35
0.25
Input offset voltage
VCO
mV
+10
–10
∼Standby pin∼
Input current
IST
µA
155
115
Input "H" level voltage
VSTH
V
VCC
2
STBY=VCC
Input "L" level voltage
VSTL
V
0.3
∼FG pin∼
Output "L" voltage
VOLF
V
0.25
0.1
Pull up resistance
RBF
30
20
10
IO=500
µA
∼Rotor position detection pin∼
VM=VCC Io=400mA
VM=VCC–1V Io=400mA
Io=400mA
∗This product is not designed for protection against radioactive rays.
3
10
18
2200pF
UIN
5
7
8
9
6
2200pF
WIN
4
17
11
16
19
2
15
14
13
12
20
1
2200pF
VIN
CST
COM
CSL2
CSL1
0.01
µF
0.22
µF
0.01
µF
22k
1
µF
Vcc
FG
0.5
5
VM
UOUT
VOUT
WOUT
RF
RIB
STAND-BY
TSD
BD6609FV
STBY
BRK+
BRK–
GND
GSUB
Vcc
EX-OR
Start-up
control logic
Phase
control
Slope
composition


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn