Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B1117 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. B1117
Description  1.0Amp Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

B1117 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  B1117 Datasheet HTML 1Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 2Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 3Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 4Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 5Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 6Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B1117
TOTAL PC BOARD AREA
TOPDIDE COPPER AREA
BACKSIDE COPPER AREA
THERMAL RESISTANCE
JUNCTION TO AMBIENT
2500mm
2500mm
2500mm
2500mm
2500mm
1600mm
2500mm
2500mm
1600mm
900mm
900mm
2500mm
1250mm
950mm
2500mm
1800mm
600mm
1250mm
915mm
600mm
240mm
240mm
2500mm
2500mm
2500mm
0
0
1600mm
0
0
0
900mm
0
46°C/W
°
47°C/W
°
49°C/W
°
51°C/W
°
53°C/W
°
55°C/W
°
58°C/W
°
59°C/W
°
67°C/W
°
72°C/W
°
85°C/W
°
LOAD
ADJ
BAY
B1117
1.0Amp Current output
VIN
C1
R1
OUT
IN
IN
OUT
ADJ
BAY
B1117
C1
R1
R2
VOUT
Typical Adjustable Regulator
VIN
C2
VOUT= VREF(1+R2/R1) +ADJ


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn