Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B1117 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. B1117
Description  1.0Amp Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

B1117 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B1117 Datasheet HTML 1Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 2Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 3Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 4Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 5Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 6Page - List of Unclassifed Manufacturers B1117 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B1117
Absolute Maximum Rating
Parameter
Min
Max
Unit
Maximum Input Voltage
7.0
V
Operating Junction Temperature Range
0
125
Storage Temperature Range
-65
150
Lead Temperature (Soldering 10 Sec.)
300
°C
Electrical Characteristics
(VIN = 7V; TJ=25°C IO = 10mA to 1.0Amp, unless otherwise specified)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
1.238
1.250
1.262
V
1.225
1.275
Reference Voltage
VO
1117-adj, IOUT=10mA, VIN-VOUT=2V, TJ=25°C
1.5V
≤(VIN-VOUT) ≤5.75V
10mA
≤IOUT≤IFULL LOAD
-2%
1.250
+2%
V
Line Regulation (1)
REG (line)
(VOUT+1.5)≤VIN≤7V, IOUT=10mA
0.005
0.2
Load Regulation (1)
REG (LOAD)
(Vin-Vout)=2V
10mA
≤IOUT≤IFULL LOAD
T= 25
°C
0.05
0.5
%
1117-1.8 IOUT=10mA, VIN=3.8V, TJ=25°C
0
≤IOUT≤1.0Amp, 3.2V≤VIN≤7V
1.782
1.746
1.80
1.80
1.818
1.854
V
1117-2.5 IOUT=10mA, VIN=4.5V, TJ=25°C
0
≤IOUT≤1.0Amp, 4.0V≤VIN≤7V
2.475
2.450
2.50
2.50
2.525
2.550
V
1117-2.85 IOUT=10mA, VIN=4.85V, TJ=25°C
0
≤IOUT≤1.0Amp, 4.35V≤VIN≤7V
2.820
2.790
2.85
2.85
2.880
2.910
V
1117-3.3 IOUT=10mA, VIN=5.0V, TJ=25°C
0
≤IOUT≤1.0Amp, 4.8V≤VIN≤7V
3.267
3.235
3.30
3.30
3.333
3.365
V
Output Voltage
VO
1117-5.0 IOUT=10mA, VIN=6.0V, TJ=25°C
0
≤IOUT≤1.0Amp, 6.5V≤VIN≤7V
4.950
4.900
5.00
5.00
5.050
5.100
V
Dropout Voltage
VD
Control Input
VPOWER=VOUT+0.8, ILOAD =10mA
VPOWER=VOUT+0.8, ILOAD =1.0Amp,
0.80
0.80
1.00
1.10
V
Dropout Voltage
VD
Power Input
VCONTROL=VOUT-+2.5V, ILOAD=1.0Amp,
0.35
0.40
V
Current Limit
IS
(Vin-Vout)=2V
1.0
1.1
A
Minimum Load Current
IMIN LOAD
1.5V
≤(VIN-VOUT) ≤5.75V
10
mA
Temperature Regulation
TA
T= 25
°C, 30ms pulse
0.004
0.02
%/W
Long Term Stability
-
T= 25
°C, 1000Hrs
0.03
1.0
%
Temperature Stability
TS
0.5
%
Adjust pin Current
-
T= 25
°C
35
120
µA
Ripple Rejection
RA
F=120Hz, CADJ=22µF, COUT=22µF Tantalum
IOUT=IFULL LOAD, (Vin-Vout)=3V (Note 5)
60
75
dB
Thermal Shutdown
155
°C
Thermal Shutdown
Hysterics
10
°C
Thermal Resistance
Junction to case
-
SOT-223
DD Package
15
3.0
15
3.0
°C/W
Note: Output Switch tests are performed under pulsed conditions to minimize power dissipation


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn