Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2499 Datasheet(PDF) 4 Page - NEC

Part No. 2SK2499
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2499 Datasheet(HTML) 4 Page - NEC

  2SK2499 Datasheet HTML 1Page - NEC 2SK2499 Datasheet HTML 2Page - NEC 2SK2499 Datasheet HTML 3Page - NEC 2SK2499 Datasheet HTML 4Page - NEC 2SK2499 Datasheet HTML 5Page - NEC 2SK2499 Datasheet HTML 6Page - NEC 2SK2499 Datasheet HTML 7Page - NEC 2SK2499 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK2499, 2SK2499-Z
4
PW - Pulse Width - s
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID- Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
10
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
GATE TO SOURCE CUTOFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
ID - Drain Current - A
10
10
10
0.001
0.01
0.1
1
100
1 000
1 m
10 m
100 m
1
10
100
1 000
10
100
VDS=10V
Pulsed
1
10
10
100
1000
100
1000
10
30
20
30
Pulsed
20
100
1000
Pulsed
Single Pulse
0
30
0.5
VDS = 10 V
ID = 1 mA
1.0
1.5
2.0
–50
0
50
100
150
0
Rth(ch-a) = 83.3 ˚C/W
Rth(ch-c) = 1.67 ˚C/W
ID=25A
VGS=10V
1
20
VGS=4V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
µµ


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn