Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2499 Datasheet(PDF) 3 Page - NEC

Part No. 2SK2499
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2499 Datasheet(HTML) 3 Page - NEC

  2SK2499 Datasheet HTML 1Page - NEC 2SK2499 Datasheet HTML 2Page - NEC 2SK2499 Datasheet HTML 3Page - NEC 2SK2499 Datasheet HTML 4Page - NEC 2SK2499 Datasheet HTML 5Page - NEC 2SK2499 Datasheet HTML 6Page - NEC 2SK2499 Datasheet HTML 7Page - NEC 2SK2499 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2499, 2SK2499-Z
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
FORWARD TRANSFER CHARACTERISTICS
VGS- Gate to Source Voltage - V
1
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature - ˚C
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature - ˚C
0
20
0
20
40
60
80
100
120
140
160
20
40
60
80
100
40
60
80
100
120
140
160
140
120
100
80
60
40
20
1
0.1
10
100
1000
1
10
100
TC = 25 ˚C
Single Pulse
0
2
3
4
40
80
120
160
8
10
100
1000
Pulsed
200
1
0
ID(pulse)
1 ms
Power
Dissipation
Limited
R
DS(on)
Limited
(at
V
GS
=
10
V)
Pulsed
VGS = 4V
VGS = 10 V
VGS = 20 V
DC
ID(DC)
VDS=10V
10ms
Ta=–25 ˚C
25 ˚C
125 ˚C
2
4
6
100
s
PW=10
s


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn