Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2499 Datasheet(PDF) 2 Page - NEC

Part No. 2SK2499
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

2SK2499 Datasheet(HTML) 2 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK2499, 2SK2499-Z
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
TEST CONDITIONS
Drain to Source On-State Resistance
RDS(on)1
7.3
9.0
VGS = 10 V, ID = 25 A
RDS(on)2
11
14
VGS = 4 V, ID = 25 A
Gate to Source Cutoff Voltage
VGS(off)
1.0
1.5
2.0
VDS = 10 V, ID = 1 mA
Forward Transfer Admittance
| yfs |
20
58
VDS = 10 V, ID = 25 A
Drain Leakage Current
IDSS
10
VDS = 60 V, VGS = 0
Gate to Source Leakage Current
IGSS
±10
VGS =
±20 V, VDS = 0
Input Capacitance
Ciss
3 400
VDS = 10 V
Output Capacitance
Coss
1 600
VGS = 0
Reverse Transfer Capacitance
Crss
770
f = 1 MHz
Turn-On Delay Time
td(on)
55
ID = 25 A
Rise Time
tr
360
VGS(on) = 10 V
Turn-Off Delay Time
td(off)
480
VDD = 30 V
Fall Time
tf
360
RG = 10
Total Gate Charge
QG
152
ID = 50 A
Gate to Source Charge
QGS
11
VDD = 48 V
Gate to Drain Charge
QGD
60
VGS = 10 V
Body Diode Forward Voltage
VF(S-D)
0.92
IF = 50 A, VGS = 0
Reverse Recovery Time
trr
105
IF = 50 A, VGS = 0
Reverse Recovery Charge
Qrr
265
di/dt = 100 A/
µs
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.
UNIT
m
m
V
S
µA
µA
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
V
ns
nC
Test Circuit 3 Gate Charge
VGS = 20
→ 0 V
PG
RG = 25
50
D.U.T.
L
VDD
Test Circuit 1 Avalanche Capability
PG.
RG = 10
D.U.T.
RL
VDD
Test Circuit 2 Switching Time
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
t = 1 s
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
ID
10 %
10 %
0
0
90 %
90 %
90 %
10 %
VGS (on)
ID
ton
toff
td (on)
tr
td (off)
tf
t
µ


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn