Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2275 Datasheet(PDF) 6 Page - NEC

Part No. 2SK2275
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2275 Datasheet(HTML) 6 Page - NEC

  2SK2275 Datasheet HTML 1Page - NEC 2SK2275 Datasheet HTML 2Page - NEC 2SK2275 Datasheet HTML 3Page - NEC 2SK2275 Datasheet HTML 4Page - NEC 2SK2275 Datasheet HTML 5Page - NEC 2SK2275 Datasheet HTML 6Page - NEC 2SK2275 Datasheet HTML 7Page - NEC 2SK2275 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SK2275
6
Starting Tch - Starting Channel Temperature - °C
25
50
SINGLE AVALANCHE ENERGY vs.
STARTING CHANNEL TEMPERATURE
25
20
15
10
5
0
1 m
10 m
100 m
L - Inductive Load - H
50
1
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
100
0.5
75
100
125
175
10
VDD = 150 V
RG = 25
VGS = 20 V
→0
IAS
3.5 A
22 mJ
E
AS =
22
mJ
IAS = 3.5 A
VDD = 150 V
RG = 25
VGS = 20 V
→0
Starting Tch = 25 °C
150
µ
<=


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn