Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2275 Datasheet(PDF) 5 Page - NEC

Part No. 2SK2275
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2275 Datasheet(HTML) 5 Page - NEC

  2SK2275 Datasheet HTML 1Page - NEC 2SK2275 Datasheet HTML 2Page - NEC 2SK2275 Datasheet HTML 3Page - NEC 2SK2275 Datasheet HTML 4Page - NEC 2SK2275 Datasheet HTML 5Page - NEC 2SK2275 Datasheet HTML 6Page - NEC 2SK2275 Datasheet HTML 7Page - NEC 2SK2275 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SK2275
5
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - °C
–50
0
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
10
100
1 000
10 000
VDS - Drain to Source Voltage - v
1 000
100
10
1
Ciss
Coss
Crss
110
200
ID - Drain Current - A
100
0.1
10
SWITCHING CHARACTERISTICS
0
Qg - Gate Charge - nC
0
102030
50
600
500
400
300
200
100
0
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
12
10
8
6
4
2
0
VDS
3
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
–25
25
50
75
100
125
150
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
0.2
0
Pulsed
VGS = 0
20
10
1
0.1
0.4
0.6
0.8
1.0
1.2
1.4
VGS = 10 V
tr
tf
td (on)
td (off)
VGS = 10 V
→0
RG = 10
VDD = 150 V
40
VGS
VDD = 450 V
300 V
150 V
ID = 3.5 A
REVERSE RECOVERY TIME vs.
REVERSE DRAIN CURRENT
110
30
3 000
Diode Forward Current - A
1 000
0.1
100
30
di/dt = 50 A/ s
VGS = 0
VGS = 10 V
ID = 3.0 A
Pulsed
f = 1 MHz
VGS = 0
µ


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn