Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2275 Datasheet(PDF) 4 Page - NEC

Part No. 2SK2275
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2275 Datasheet(HTML) 4 Page - NEC

  2SK2275 Datasheet HTML 1Page - NEC 2SK2275 Datasheet HTML 2Page - NEC 2SK2275 Datasheet HTML 3Page - NEC 2SK2275 Datasheet HTML 4Page - NEC 2SK2275 Datasheet HTML 5Page - NEC 2SK2275 Datasheet HTML 6Page - NEC 2SK2275 Datasheet HTML 7Page - NEC 2SK2275 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK2275
4
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
1 000
100
10
1.0
0.1
0.01
0.001
10
100
1 m
10 m
100 m
1
10
100
1 000
TC = 25 °C
Single Pulse
Rth (ch-a) = 62.5 (°C/W)
Rth (ch-c) = 3.125 (°C/W)
VDS = 20 V
Pulsed
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
120
30
ID - Drain Current - A
525
VGS - Gate to Source Voltage - V
GATE TO SOURCE CUTOFF VOLTAGE
vs. CHANNEL TEMPERATURE
Tch - Channel Temperature - °C
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
1
100
ID - Drain Current - A
–50
0
50
100
150
0.3
1.0
1
0
10
15
20
1
V DS = 10 V
ID = 1mA
Pulsed
0.1
0.1
0.5
3.0
10
10
125 °C
75 °C
25 °C
Ta = – 25 °C
2
3
4
5
6
ID = 6 A
3 A
1.2 A
2
3
4
5
0
10
VGS = 10 V
Pulsed
1.0
1.5
2.0
2.5
3.0
3.5
–25
25
75
125
0
µµ


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn