Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2ED020I12-F Datasheet(PDF) 5 Page - eupec GmbH

Part No. 2ED020I12-F
Description  Dual IGBT Driver IC for eupec Low and Medium Power IGBT Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

2ED020I12-F Datasheet(HTML) 5 Page - eupec GmbH

  2ED020I12-F Datasheet HTML 1Page - eupec GmbH 2ED020I12-F Datasheet HTML 2Page - eupec GmbH 2ED020I12-F Datasheet HTML 3Page - eupec GmbH 2ED020I12-F Datasheet HTML 4Page - eupec GmbH 2ED020I12-F Datasheet HTML 5Page - eupec GmbH 2ED020I12-F Datasheet HTML 6Page - eupec GmbH 2ED020I12-F Datasheet HTML 7Page - eupec GmbH 2ED020I12-F Datasheet HTML 8Page - eupec GmbH 2ED020I12-F Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.eupec.com - www.eicedriver.com
Page 5/18
Datasheet and Application
EiceDRIVER™ 2ED020I12-F
Each EiceDRIVER™ has a type number, which can be resolved by the following schemata:
Eic e DRI V ER™ 2 ED 020 I 12 - F
Isolation class
F = Function isolation
S = Safety isolation
ST = Safety isolation / Traction application
Voltage class:
06 = 600 V
12 = 1200 V
17 = 1700 V
33 = 3300 V
65 = 6500 V
Type:
C = Board
I
= IC (Coreless Transformer)
L = IC (Level Shifter)
Peak output current for Driver:
020 = 2 A
300 = 30 A
Maximum Sampling Rate for ADC/DC
Function:
EC = Analog-Digital-Converter/Digital-Coupler
ED = IGBT/MOSFET Driver
Driver Channels:
1 = Driver for one IGBT
2 = Driver for Half-Bridge
6 = Driver for Six-Pack
ADC/DC Channels:
1 = Single Input/Single Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn