Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54AC109 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54AC109
Description  Dual j-k Flip-Flop with Set and Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54AC109 Datasheet(HTML) 1 Page - Texas Instruments

  CD54AC109 Datasheet HTML 1Page - Texas Instruments CD54AC109 Datasheet HTML 2Page - Texas Instruments CD54AC109 Datasheet HTML 3Page - Texas Instruments CD54AC109 Datasheet HTML 4Page - Texas Instruments CD54AC109 Datasheet HTML 5Page - Texas Instruments CD54AC109 Datasheet HTML 6Page - Texas Instruments CD54AC109 Datasheet HTML 7Page - Texas Instruments CD54AC109 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CD54AC109, CD74AC109
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS
WITH CLEAR AND PRESET
SCHS326 – JANUARY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D AC Types Feature 1.5-V to 5.5-V Operation
and Balanced Noise Immunity at 30% of the
Supply Voltage
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description/ordering information
The ’AC109 devices contain two independent J-K positive-edge-triggered flip-flops. A low level at the preset
(PRE) or clear (CLR) inputs sets or resets the outputs, regardless of the levels of the other inputs. When PRE
and CLR are inactive (high), data at the J and K inputs meeting the setup-time requirements are transferred to
the outputs on the positive-going edge of the clock (CLK) pulse. Clock triggering occurs at a voltage level and
is not directly related to the rise time of the clock pulse. Following the hold-time interval, data at the J and K inputs
can be changed without affecting the levels at the outputs. These versatile flip-flops can perform as toggle
flip-flops by grounding K and tying J high. They also can perform as D-type flip-flops if J and K are tied together.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74AC109E
CD74AC109E
–55
°C to 125°C
SOIC – M
Tape and reel
CD74AC109M96
AC109M
CDIP – F
Tube
CD54AC109F3A
CD54AC109F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
CD54AC109 ...F PACKAGE
CD74AC109 ...E OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1CLR
1J
1K
1CLK
1PRE
1Q
1Q
GND
VCC
2CLR
2J
2K
2CLK
2PRE
2Q
2Q
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD54AC109

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC109 INTERSIL-CD54AC109 Datasheet
10Kb / 1P
   Dual J-K Flip-Flop with Set and Reset
logo
Texas Instruments
CD54AC109 TI-CD54AC109 Datasheet
346Kb / 12P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC109 TI-CD54AC109 Datasheet
541Kb / 15P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC109F3A TI-CD54AC109F3A Datasheet
346Kb / 12P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC109F3A TI-CD54AC109F3A Datasheet
541Kb / 15P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - CD54AC109

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
Intersil Corporation
CD54AC109 INTERSIL-CD54AC109 Datasheet
10Kb / 1P
   Dual J-K Flip-Flop with Set and Reset
CD54AC112 INTERSIL-CD54AC112 Datasheet
10Kb / 1P
   Dual “J-K” Flip-Flop with Set and Reset
June 1997
logo
Integral Corp.
IN74HCT109 INTEGRAL-IN74HCT109 Datasheet
144Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
System Logic Semiconduc...
SL74HC109 SLS-SL74HC109 Datasheet
47Kb / 5P
   Dual J-K Flip-Flop with Set and Reset
SL74HC112 SLS-SL74HC112 Datasheet
49Kb / 6P
   Dual J-K Flip-Flop with Set and Reset
logo
Integral Corp.
IN74ACT109 INTEGRAL-IN74ACT109 Datasheet
183Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
List of Unclassifed Man...
GD74HCT113 ETC1-GD74HCT113 Datasheet
256Kb / 6P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC74HC112 ONSEMI-MC74HC112_13 Datasheet
138Kb / 7P
   Dual J-K Flip-Flop with Set and Reset
May, 2013 ??Rev. 8
logo
List of Unclassifed Man...
GD74HCT76 ETC1-GD74HCT76 Datasheet
274Kb / 6P
   DUAL J-K FLIP-FLOP WITH SET AND RESET & CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com