Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AIC1735 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part No. AIC1735
Description  500mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIC [Analog Intergrations Corporation]
Homepage  http://www.analog.com.tw
Logo 

AIC1735 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AIC1735
3
n ELECTRICAL CHARACTERISTICS (T
A=25°C, CIN=1µF, COUT=4.7µF, unless
otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
No Load
Output Voltage
AIC1735-52
AIC1735-50
AIC1735-38
AIC1735-37
AIC1735-35
AIC1735-33
AIC1735-30
AIC1735-27
AIC1735-25
AIC1735-20
AIC1735-18
VIN=5.5~12V
VIN=5.5~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
5.100
4.900
3.725
3.625
3.430
3.235
2.940
2.646
2.450
1.960
1.764
5.200
5.000
3.800
3.700
3.500
3.300
3.000
2.700
2.500
2.000
1.800
5.300
5.100
3.875
3.775
3.570
3.365
3.060
2.754
2.550
2.040
1.836
V
Output Voltage
Temperature
Coefficiency
(Note 1)
50
PPM/
°C
Line Regulation
IL=1mA,
1.4V
≤VOUT≤3.2V
3.3V
≤VOUT≤5.2V
VIN=4V~12V
VIN=5.5V~12V
3
3
10
10
mV
Load Regulation
(Note 2)
IL=0.1~500mA
1.4V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5V
VIN=7V
10
20
30
50
mV
Current Limit
(Note 3)
VIN=7V, VOUT=0V
500
mA
Dropout Voltage
(Note 4)
IL=500mA
4.0V
≤VOUT≤5.2V
3.0V
≤VOUT≤3.9V
2.5V
≤VOUT≤2.9V
2.0V
≤VOUT≤2.4V
1.4V
≤VOUT≤1.9V
510
650
780
1100
1400
mV
Ground Current
IO=0.1mA~IMAX
1.4V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5~12V
VIN=7~12V
65
65
90
90
µA
Note 1:
Guaranteed by design.
Note 2:
Regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3:
Current limit is measured by pulsing a short time.
Note 4:
Dropout voltage is defined as the input to output differential at which the output voltage drops
100mV below the value measured with a 1V differential.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn