Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AIC1735 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part No. AIC1735
Description  500mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIC [Analog Intergrations Corporation]
Homepage  http://www.analog.com.tw
Logo 

AIC1735 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AIC1735
2
n ORDERING INFORMATION
PACKING TYPE
TR: TAPE & REEL
TB: TUBE
PACKAGE TYPE
E: TO-252
Y: SOT-223
OUTPUT VOLTAGE
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
30: 3.0V
33: 3.3V
35: 3.5V
37: 3.7V
38: 3.8V
50: 5.0V
52: 5.2V
AIC1735-XXCX XX
Example: AIC1735-18CETR
à 1.8V Version, in TO-252 Package &
Tape & Reel Packing Type
PIN CONFIGURATION
TO-252 (CE)
TOP VIEW
1: VOUT
2. GND
3. VIN
2
3
1
SOT-223 (CY)
TOP VIEW
1: VOUT
2. GND
3. VIN
1
2
3
n ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage...................................................………… ..…… .................. -0.3~12V
Operating Junction Temperature Range
.....……… ........………… ................ -40
°C~ 85°C
Storage Temperature Range ....................…… ......................……… ............. -65
°C~150°C
Thermal Resistance
JC
θ
TO-252 Package ...… .… …… ..…
12.5
°C/W
SOT-223 Package .....……… ........
15
°C/W
n TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn