Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5467-IS Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5467-IS
Description  Four-channel Power/Energy IC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467-IS Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5467-IS Datasheet HTML 4Page - Cirrus Logic CS5467-IS Datasheet HTML 5Page - Cirrus Logic CS5467-IS Datasheet HTML 6Page - Cirrus Logic CS5467-IS Datasheet HTML 7Page - Cirrus Logic CS5467-IS Datasheet HTML 8Page - Cirrus Logic CS5467-IS Datasheet HTML 9Page - Cirrus Logic CS5467-IS Datasheet HTML 10Page - Cirrus Logic CS5467-IS Datasheet HTML 11Page - Cirrus Logic CS5467-IS Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
CS5467
8
DS714A1
ADVANCE RELEASE
ANALOG CHARACTERISTICS (Continued)
Notes: 3. Applies before system calibration.
4. All outputs unloaded. All inputs CMOS level.
5. Measurement method for PSRR: VREFIN tied to VREFOUT, VA+ = VD+ = 5 V, a 150 mV
(zero-to-peak) (60 Hz) sinewave is imposed onto the +5 V DC supply voltage at VA+ and VD+ pins. The
“+” and “-” input pins of both input channels are shorted to AGND. The CS5464 is then commanded to
continuous conversion acquisition mode, and digital output data is collected for the channel under test.
The (zero-to-peak) value of the digital sinusoidal output signal is determined, and this value is converted
into the (zero-to-peak) value of the sinusoidal voltage (measured in mV) that would need to be applied
at the channel’s inputs, in order to cause the same digital sinusoidal output. This voltage is then defined
as Veq. PSRR is (in dB):
6.
When voltage level on PFMON is sagging, and LSD bit = 0, the voltage at which LSD is set to 1.
7.
If the LSD bit has been set to 1 (because PFMON voltage fell below PMLO), this is the voltage level on
PFMON at which the LSD bit can be permanently reset back to 0.
Parameter
Symbol
Min
Typ
Max
Unit
Analog Inputs (Voltage Channel)
Differential Input Range
[(VIN+) - (VIN-)]
VIN
-
500
-
mVP-P
Total Harmonic Distortion
THD
65
75
-
dB
Crosstalk with Current Channel at Full Scale
(50, 60 Hz)
--70
-
dB
Input Capacitance
All Gain Ranges
IC
-
2.0
-
pF
Effective Input Impedance
EII
2
-
-
M
Noise (Referred to Input)
NV
--
140
µVrms
Offset Drift (Without the High Pass Filter)
OD
-
16.0
-
µV/°C
Gain Error
(Note 3)
GE
-
±3.0
%
Temperature Channel
Temperature Accuracy
T
-
±5
-
°C
Power Supplies
Power Supply Currents (Active State)
IA+
ID+ (VA+ = VD+ = 5 V)
ID+ (VA+ = 5 V, VD+ = 3.3 V)
PSCA
PSCD
PSCD
-
-
-
1.3
2.9
1.7
-
-
-
mA
mA
mA
Power Consumption
Active State (VA+ = VD+ = 5 V)
(Note 4)
Active State (VA+ = 5 V, VD+ = 3.3 V)
Stand-by State
Sleep State
PC
-
-
-
-
33
20
7
10
36
23
-
-
mW
mW
mW
uW
Power Supply Rejection Ratio (50, 60 Hz)
(Note 5)
Voltage Channel
Current Channel (Gain = 50x)
Current Channel (Gain = 10x)
PSRR
48
68
60
55
75
65
-
-
-
dB
dB
dB
PFMON Low-voltage Trigger Threshold
(Note 6)
PMLO
2.3
2.45
-
V
PFMON High-voltage Power-on Trip Point
(Note 7)
PMHI
-
2.55
2.7
V
PSRR
20
150
V
eq
----------
log
=


Similar Part No. - CS5467-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5467-IS CIRRUS-CS5467-IS Datasheet
750Kb / 46P
   Four-channel Power / Energy IC
CS5467-ISZ CIRRUS-CS5467-ISZ Datasheet
750Kb / 46P
   Four-channel Power / Energy IC
CS5467-ISZ CIRRUS-CS5467-ISZ Datasheet
381Kb / 46P
   Four-channel Power/Energy IC
More results

Similar Description - CS5467-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5467 CIRRUS-CS5467_11 Datasheet
381Kb / 46P
   Four-channel Power/Energy IC
CS5467 CIRRUS-CS5467_07 Datasheet
750Kb / 46P
   Four-channel Power / Energy IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
   Four Channel Energy Measurement IC
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
   Four Channel Energy Measurement IC
CS5464 CIRRUS-CS5464_07 Datasheet
867Kb / 46P
   Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
   Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464 Datasheet
795Kb / 46P
   Three-channel, Single-phase Power/Energy IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com