Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BT134W Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. BT134W
Description  Triacs sensitive gate
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT134W Datasheet(HTML) 6 Page - NXP Semiconductors

  BT134W Datasheet HTML 1Page - NXP Semiconductors BT134W Datasheet HTML 2Page - NXP Semiconductors BT134W Datasheet HTML 3Page - NXP Semiconductors BT134W Datasheet HTML 4Page - NXP Semiconductors BT134W Datasheet HTML 5Page - NXP Semiconductors BT134W Datasheet HTML 6Page - NXP Semiconductors BT134W Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
Triacs
BT134W series
MECHANICAL DATA
Dimensions in mm
Net Mass: 0.11 g
Fig.15. SOT223 surface mounting package.
Notes
1. For further information, refer to Philips publication SC18 " SMD Footprint Design and Soldering Guidelines".
Order code: 9397 750 00505.
2. Epoxy meets UL94 V0 at 1/8".
6.7
6.3
3.1
2.9
4
1
23
2.3
1.05
0.85
0.80
0.60
4.6
3.7
3.3
7.3
6.7
B
A
0.10
0.02
13
16
max
1.8
max
10
max
0.32
0.24
(4x)
B
M
0.1
A
M
0.2
September 1997
6
Rev 1.200


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BT138BTriacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
BTA08SSENSITIVE GATE TRIACS 1 2 3 4 5 STMicroelectronics
MAC12SMSensitive Gate Triacs 1 2 3 4 5 MoreON Semiconductor
BT138Triacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
MAC08BT1SENSITIVE GATE TRIACS 1 2 3 4 5 MoreON Semiconductor
MAC228ASensitive Gate Triacs Silicon Bidirectional Thyristors 1 2 3 4 5 MoreON Semiconductor
BT138XTriacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
BT139BTriacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
BT139Triacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
MAC4DHMSensitive Gate Triacs Silicon Bidirectional Thyristors 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn