Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4373A Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4373A
Description  Low-power, High-performance Test DAC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4373A Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4373A Datasheet HTML 2Page - Cirrus Logic CS4373A Datasheet HTML 3Page - Cirrus Logic CS4373A Datasheet HTML 4Page - Cirrus Logic CS4373A Datasheet HTML 5Page - Cirrus Logic CS4373A Datasheet HTML 6Page - Cirrus Logic CS4373A Datasheet HTML 7Page - Cirrus Logic CS4373A Datasheet HTML 8Page - Cirrus Logic CS4373A Datasheet HTML 9Page - Cirrus Logic CS4373A Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CS4373A
6
DS699F2
ANALOG CHARACTERISTICS
Notes: 6. Maximum integrated noise over the measurement bandwidth for the voltage reference device attached
to the VREF
± inputs.
7. Load on the precision OUT
± outputs is normally from the CS3301A / CS3302A amplifiers, which have
1G
Ω/1 TΩ typical input impedance and 18 pF typical input capacitance.
8. Guaranteed by design and/or characterization.
9. Single-ended output impedance at 1/64 is different for BUF+ and BUF- due to the output attenuator
architecture.
Parameter
Symbol
Min
Typ
Max
Unit
VREF Input
{VREF+} - {VREF-}
(Note 2, 3)
VREF
-
2.500
-
V
VREF-
(Note 4)VREF-
-
VA -
-
V
VREF Input Current, AC modes
VREFIAC
-80-
µA
VREF Input Current, DC modes
VREFIDC
-40-
µA
VREF Input Noise
(Note 6)VREFIN
--
1
µVrms
Analog OUT± Output
Analog External Load at OUT
±
Load Resistance
(Note 7, 8)
Load Capacitance
RLOUT
CLOUT
50
-
-
-
-
50
M
pF
Differential Output Impedance
1/1
1/2
1/4
1/8
1/16
1/32
1/64
ZDIFOUT
-
-
-
-
-
-
-
1.4
10.1
7.9
5.1
3.3
2.3
1.7
-
-
-
-
-
-
-
k
k
k
k
k
k
k
Single-ended Output Impedance
1/1
1/2
1/4
1/8
1/16
1/32
1/64
ZSEOUT
-
-
-
-
-
-
-
0.7
7.4
9.0
9.4
9.5
9.5
9.4
-
-
-
-
-
-
-
k
k
k
k
k
k
k
High-Z Impedance
(Note 8)HZOUT
-3
-
M
Crosstalk to BUF
± High-Z Output
(Note 8)
XTOUT
--120-
dB
Analog BUF± Output
Analog External Load at BUF
±
Load Resistance
(Note 8)
Load Capacitance
RLBUF
CLBUF
1
-
-
-
-
2
k
nF
Differential Output Impedance
1/1 - 1/64
ZDIFBUF
-6
-
Single-ended Output Impedance
1/1 - 1/32
(Note 9) (BUF-) 1/64
(Note 9) (BUF+) 1/64
ZSEBUF
-
-
-
3
3
50
-
-
-
High-Z Impedance
(Note 8)HZBUF
-4.5
-
M
Crosstalk to OUT
± High-Z Output
(Note 8)
XTBUF
--120-
dB


Similar Part No. - CS4373A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4373 CIRRUS-CS4373 Datasheet
292Kb / 20P
   Low-power, High-performance Delta-Sigma Test DAC
CS4373-IS CIRRUS-CS4373-IS Datasheet
292Kb / 20P
   Low-power, High-performance Delta-Sigma Test DAC
More results

Similar Description - CS4373A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5373A CIRRUS-CS5373A Datasheet
863Kb / 40P
   Low-power, High-performance Modulator and Test DAC
CS4373 CIRRUS-CS4373 Datasheet
292Kb / 20P
   Low-power, High-performance Delta-Sigma Test DAC
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Cirrus Logic
CS43L36 CIRRUS-CS43L36 Datasheet
1Mb / 89P
   Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
logo
Analog Devices
ADAU1966A AD-ADAU1966A Datasheet
746Kb / 52P
   16-Channel, High Performance DAC
logo
Suzhou Everest Semicond...
ES8156 EVEREST-ES8156 Datasheet
541Kb / 13P
   High Performance Stereo Audio DAC
logo
Analog Devices
ADAU1962A AD-ADAU1962A Datasheet
1Mb / 48P
   12-Channel, High Performance, DAC
logo
Mitel Networks Corporat...
1A191 MITEL-1A191 Datasheet
193Kb / 10P
   High-Performance LED(Test Equipment)
1A398 MITEL-1A398 Datasheet
182Kb / 9P
   High-Performance LED(Test Equipment)
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com